Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-R Datasheet(PDF) 48 Page - STMicroelectronics

Part # M95M01-R
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-R Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M95M01-R Datasheet HTML 43Page - STMicroelectronics M95M01-R Datasheet HTML 44Page - STMicroelectronics M95M01-R Datasheet HTML 45Page - STMicroelectronics M95M01-R Datasheet HTML 46Page - STMicroelectronics M95M01-R Datasheet HTML 47Page - STMicroelectronics M95M01-R Datasheet HTML 48Page - STMicroelectronics M95M01-R Datasheet HTML 49Page - STMicroelectronics M95M01-R Datasheet HTML 50Page - STMicroelectronics M95M01-R Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
Revision history
M95M01-DF M95M01-R
48/51
DocID13264 Rev 14
12
Revision history
Table 22. Document revision history
Date
Revision
Changes
13-Mar-2007
1
Initial release.
15-May-2007
2
VCC conditions modified in Table 15: AC characteristics (M95M01-R6,
VCC < 2.5 V). Small text changes.
21-Jun-2007
3
The device endurance is specified at more than 1 000 000 (1 million)
cycles (corrected on page 1).
17-Jul-2007
4
Schmitt trigger inputs for enhanced noise margin added to Features on
page 1.
VIL and VIH values modified according to voltage range in Table 12: DC
characteristics (M95M01-R6).
24-Jan-2008
5
Document status promoted from preliminary data to full datasheet.
ICC0 modified in Table 12: DC characteristics (M95M01-R6).
In Section 11: Package mechanical data, values in inches are converted
from mm and rounded to 4 decimal digits.
Table 20: Available products (package, voltage range, temperature grade)
added. Small text changes.
07-May-2009
6
WLCSP package added (see Figure 3: WLCSP connections (bottom
view, bump side) and Section 11: Package mechanical data).
Section 3: Connecting to the SPI bus updated.
Section 4.1: Supply voltage (VCC) updated.
Note added to Section 6.6: Write to Memory Array (WRITE).
Note added to Table 15: AC characteristics (M95M01-R6, VCC < 2.5 V).
Figure 16: Serial input timing, Figure 17: Hold timing and Figure 18: Serial
output timing updated.
ECOPACK text updated under Section 11: Package mechanical data.
30-Jul-2009
7
M95M01-W device grade 3 devices added
(see Table 9: Operating conditions (M95M01-W3),
Table 13: DC characteristics (M95M01-W3),
Table 14: AC characteristics (M95M01-R6 and M95M01-W3, VCC
≥
2.5 V) and Table 20: Ordering information scheme).
26-Mar-2012
8
Added TSSOP package.
Updated
– Table 12: DC characteristics (M95M01-R6)
– Table 13: DC characteristics (M95M01-W3)
– Table 14: AC characteristics (M95M01-R6 and M95M01-W3, VCC
≥
2.5 V)
– Table 15: AC characteristics (M95M01-R6, VCC < 2.5 V)
– Figure 15: AC measurement I/O waveform
– “Process” in Section 12: Part numbering
Deleted:
– Table 20: Available products (package, voltage range, temperature
grade)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com