Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C86-R Datasheet(PDF) 20 Page - STMicroelectronics

Part # M93C86-R
Description  Programming instructions that work on: byte word or entire memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C86-R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M93C86-R Datasheet HTML 16Page - STMicroelectronics M93C86-R Datasheet HTML 17Page - STMicroelectronics M93C86-R Datasheet HTML 18Page - STMicroelectronics M93C86-R Datasheet HTML 19Page - STMicroelectronics M93C86-R Datasheet HTML 20Page - STMicroelectronics M93C86-R Datasheet HTML 21Page - STMicroelectronics M93C86-R Datasheet HTML 22Page - STMicroelectronics M93C86-R Datasheet HTML 23Page - STMicroelectronics M93C86-R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
DC and AC parameters
M93C86-x M93C76-x M93C66-x M93C56-x M93C46-x
20/35
DocID4997 Rev 17
10
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device.
Table 8. Operating conditions (M93Cx6-W)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
2.5
5.5
V
TA
Ambient operating temperature
–40
85
°C
Table 9. Operating conditions (M93Cx6-R)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
–40
85
°C
Table 10. Cycling performance(1)
1.
Cycling performance for products identified by process letter K.
Symbol
Parameter
Test conditions
Min.
Max.
Unit
Ncycle
Write cycle endurance
TA
≤ 25 °C,
VCC(min) < VCC < VCC(max)
-
4,000,000
Write cycle
TA = 85 °C,
VCC(min) < VCC < VCC(max)
-
1,200,000
Table 11. Memory cell data retention(1)
Parameter
Test conditions
Min.
Unit
Data retention
TA = 55 °C
200
Year
1.
For products identified by process letter K. The data retention behavior is checked in production, while the
200-year limit is defined from characterization and qualification results.
Table 12. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
100
pF
-
Input rise and fall times
-
50
ns
-
Input voltage levels
0.2 VCC to 0.8 VCC
V
-
Input timing reference voltages
0.3 VCC to 0.7 VCC
V
-
Output timing reference voltages
0.3 VCC to 0.7 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com