Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C86-R Datasheet(PDF) 21 Page - STMicroelectronics

Part # M93C86-R
Description  Programming instructions that work on: byte word or entire memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C86-R Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M93C86-R Datasheet HTML 17Page - STMicroelectronics M93C86-R Datasheet HTML 18Page - STMicroelectronics M93C86-R Datasheet HTML 19Page - STMicroelectronics M93C86-R Datasheet HTML 20Page - STMicroelectronics M93C86-R Datasheet HTML 21Page - STMicroelectronics M93C86-R Datasheet HTML 22Page - STMicroelectronics M93C86-R Datasheet HTML 23Page - STMicroelectronics M93C86-R Datasheet HTML 24Page - STMicroelectronics M93C86-R Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DocID4997 Rev 17
21/35
M93C86-x M93C76-x M93C66-x M93C56-x M93C46-x
DC and AC parameters
34
Figure 9. AC testing input output waveforms
Table 13. Input and output capacitance
Symbol
Parameter
Test condition(1)
1.
Sampled only, not 100% tested, at TA = 25 °C and a frequency of 1 MHz.
Min
Max
Unit
COUT
Output capacitance
VOUT = 0V
-
8
pF
CIN
Input capacitance
VIN = 0V
-
6
pF
Table 14. DC characteristics (M93Cx6-W, device grade 6)
Symbol
Parameter
Test condition (in addition to
the conditions defined in
Table 8 and Table 12)
Min.
Max.
Unit
ILI
Input leakage current
0V
≤ VIN ≤ VCC
-
±2.5
µA
ILO
Output leakage current
0V
≤ VOUT ≤ VCC, Q in Hi-Z
-
±2.5
µA
ICC
Operating supply current
VCC = 5 V, S = VIH, f = 2 MHz,
Q = open
-
2
mA
VCC = 2.5 V, S = VIH, f = 2 MHz,
Q = open
-
1
mA
ICC1
Standby supply current
VCC = 2.5 V, S = VSS, C = VSS,
ORG = VSS or VCC,
pin7 = VCC, VSS or Hi-Z
-
2(1)
1.
5 µA for previous devices identified with the process letter G.
µA
VCC = 5.5 V, S = VSS, C = VSS,
ORG = VSS or VCC,
pin7 = VCC, VSS or Hi-Z
-
3(2)
2.
Tested only for current devices identified with the process letter K.
µA
VIL
Input low voltage (D, C, S)
-
–0.45
0.2 VCC
V
VIH
Input high voltage (D, C, S)
-
0.7 VCC VCC + 1
V
VOL
Output low voltage (Q)
VCC = 5 V, IOL = 2.1 mA
-
0.4
V
VCC = 2.5 V, IOL = 100 µA
-
0.2
V
VOH
Output high voltage (Q)
VCC = 5 V, IOH = – 400 µA
0.8 VCC
-
V
VCC = 2.5 V, IOH = – 100 µA
VCC–0.2
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com