Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95010-R Datasheet(PDF) 34 Page - STMicroelectronics

Part # M95010-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95010-R Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M95010-R Datasheet HTML 30Page - STMicroelectronics M95010-R Datasheet HTML 31Page - STMicroelectronics M95010-R Datasheet HTML 32Page - STMicroelectronics M95010-R Datasheet HTML 33Page - STMicroelectronics M95010-R Datasheet HTML 34Page - STMicroelectronics M95010-R Datasheet HTML 35Page - STMicroelectronics M95010-R Datasheet HTML 36Page - STMicroelectronics M95010-R Datasheet HTML 37Page - STMicroelectronics M95010-R Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
DC and AC parameters
M950x0-W M950x0-R M950x0-DF
34/46
DocID6512 Rev 13
Table 17. DC characteristics (M950x0-R or M95040-DF, device grade 6)
Symbol
Parameter
Test conditions in addition to those defined
in Table 10 or Table 11 and Table 12(1)
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
-± 2
µA
ILO
Output leakage current
S = VCC, voltage applied on Q = VSS or VCC
-± 2
µA
ICC
Supply current (Read)
VCC = 1.8 V or 1.7 V, fC = 5 MHz,
C = 0.1 VCC/0.9 VCC, Q = open
-2
mA
ICC0(2) Supply current (Write)
VCC = 1.8 V or 1.7 V, during tW, S = VCC
-5
mA
ICC1
Supply current (Standby)
VCC = 1.8 V or 1.7 V, S = VCC, VIN = VSS or
VCC
-1
µA
VIL
Input low voltage
VCC < 2.5 V
–0.45
0.25 VCC
V
VIH
Input high voltage
VCC < 2.5 V
0.75 VCC
VCC+1
V
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.8 V or 1.7 V
-
0.3
V
VOH
Output high voltage
IOH = –0.1 mA, VCC = 1.8 V or 1.7 V
0.8 VCC
-V
VRES(2)
Internal reset threshold
voltage
-1.0(3)
1.65(4)
V
1. If the application uses the M950x0-R or M95040-DF devices with 2.5 V
≤VCC ≤5.5 V and -40 °C ≤TA ≤+85 °C, please refer to
Table 16: DC characteristics (M950x0-W, device grade 6), rather than to the above table.
2. Characterized only, not tested in production.
3. 0.5 V with the device identified by process letter K.
4. 1.5 V with the device identified by process letter K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com