Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95010-R Datasheet(PDF) 45 Page - STMicroelectronics

Part # M95010-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95010-R Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M95010-R Datasheet HTML 38Page - STMicroelectronics M95010-R Datasheet HTML 39Page - STMicroelectronics M95010-R Datasheet HTML 40Page - STMicroelectronics M95010-R Datasheet HTML 41Page - STMicroelectronics M95010-R Datasheet HTML 42Page - STMicroelectronics M95010-R Datasheet HTML 43Page - STMicroelectronics M95010-R Datasheet HTML 44Page - STMicroelectronics M95010-R Datasheet HTML 45Page - STMicroelectronics M95010-R Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
DocID6512 Rev 13
45/46
M950x0-W M950x0-R M950x0-DF
Revision history
45
17-Oct-2013
12
Added “M95040-DF” part number.
Updated:
– Features: Single supply voltage, high-speed clock frequency, memory
array, write cycles and data retention
– Section 1: Description
– Figure 6: Block diagram
– Section 6: Instructions: updated introduction and added Section 6.7 to
Section 6.10
– Section 7.2: Initial delivery state
– Note (1) under Table 8: Absolute maximum ratings.
– Table 16: DC characteristics (M950x0-W, device grade 6), Table 18: AC
characteristics (M950x0-W, device grade 6) and Table 25: Ordering
information scheme
Added Table 13: Cycling performance, Table 14: Memory cell data
retention, Table 17: DC characteristics (M950x0-R or M95040-DF, device
grade 6) and Table 19: AC characteristics (M950x0-R or M95040-DF,
device grade 6).
Renamed Table 20 and Table 21.
28-Aug-2014
13
Updated footnotes:
– 1 in Table 13: Cycling performance;
– 1 in Table 14: Memory cell data retention;
– 2 in Table 19: AC characteristics (M950x0-R or M95040-DF, device
grade 6);
– 2 in Table 21: AC characteristics (M950x0-R, device grade 6).
Updated Table 20 with new title AC characteristics (M950x0-W, device
grade 6) and addition of footnote 1.
Updated Table 21 with new title AC characteristics (M950x0-R, device
grade 6) and addition of footnote 1.
Updated Table 25: Ordering information scheme.
Table 26. Document revision history (continued)
Date
Version
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com