Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM45B Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM45B
Description  SOT-23 Precision Centigrade Temperature Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM45B Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM45B Datasheet HTML 1Page - National Semiconductor (TI) LM45B Datasheet HTML 2Page - National Semiconductor (TI) LM45B Datasheet HTML 3Page - National Semiconductor (TI) LM45B Datasheet HTML 4Page - National Semiconductor (TI) LM45B Datasheet HTML 5Page - National Semiconductor (TI) LM45B Datasheet HTML 6Page - National Semiconductor (TI) LM45B Datasheet HTML 7Page - National Semiconductor (TI) LM45B Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Typical Applications (Continued)
TLH11754 – 19
FIGURE 12 Temperature To Digital Converter (Parallel TRI-STATE
Outputs for
Standard Data Bus to mP Interface) (128 C Full Scale)
TLH11754 – 20
e
1% or 2% film resistor
-Trim RB for VBe3075V
-Trim RC for VCe1955V
-Trim RA for VAe0075V a 100mV C c Tambient
-Example VAe2275V at 22 C
FIGURE 13 Bar-Graph Temperature Display (Dot Mode)
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com