Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM45B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM45B
Description  SOT-23 Precision Centigrade Temperature Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM45B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM45B Datasheet HTML 1Page - National Semiconductor (TI) LM45B Datasheet HTML 2Page - National Semiconductor (TI) LM45B Datasheet HTML 3Page - National Semiconductor (TI) LM45B Datasheet HTML 4Page - National Semiconductor (TI) LM45B Datasheet HTML 5Page - National Semiconductor (TI) LM45B Datasheet HTML 6Page - National Semiconductor (TI) LM45B Datasheet HTML 7Page - National Semiconductor (TI) LM45B Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH11754
May 1995
LM45BLM45C
SOT-23 Precision Centigrade Temperature Sensors
General Description
The LM45 series are precision integrated-circuit tempera-
ture sensors whose output voltage is linearly proportional to
the Celsius (Centigrade) temperature The LM45 does not
require any external calibration or trimming to provide accu-
racies of g2 C at room temperature and g3 C over a full
b
20 to a100 C temperature range Low cost is assured by
trimming and calibration at the wafer level The LM45’s low
output impedance linear output and precise inherent cali-
bration make interfacing to readout or control circuitry espe-
cially easy It can be used with a single power supply or with
plus and minus supplies As it draws only 120 mA from its
supply it has very low self-heating less than 02 C in still
air The LM45 is rated to operate over a b20 to a100 C
temperature range
Applications
Y
Battery Management
Y
FAX Machines
Y
Printers
Y
Portable Medical Instruments
Y
HVAC
Y
Power Supply Modules
Y
Disk Drives
Y
Computers
Y
Automotive
Features
Y
Calibrated directly in
Celsius (Centigrade)
Y
Linear a 100 mV C scale factor
Y
g
3 C accuracy guaranteed
Y
Rated for full b20 to a100 C range
Y
Suitable for remote applications
Y
Low cost due to wafer-level trimming
Y
Operates from 40V to 10V
Y
Less than 120 mA current drain
Y
Low self-heating 020 C in still air
Y
Nonlinearity only g08 C max over temp
Y
Low impedance output 20X for 1 mA load
Connection Diagram
SOT-23
TLH11754 – 1
Top View
See NS Package Number M03B
(JEDEC Registration TO-236AB)
SOT-23
Order
Device
Number
Marking
Supplied As
LM45BIM3
T4B
250 Units on Tape and Reel
LM45BIM3X
T4B
3000 Units on Tape and Reel
LM45CIM3
T4C
250 Units on Tape and Reel
LM45CIM3X
T4C
3000 Units on Tape and Reel
Typical Applications
TLH11754 – 3
FIGURE 1 Basic Centigrade Temperature
Sensor (a25 Cto a100 C)
TLH11754 – 4
Choose R1 ebVS 50 mA
VOUTe (10 mV C c Temp C)
VOUT ea1000 mV at a100 C
ea
250 mV at a25 C
eb
200 mV at b20 C
FIGURE 2 Full-Range Centigrade
Temperature Sensor (b20 Cto a100 C)
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - LM45B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM45BIM3 NSC-LM45BIM3 Datasheet
215Kb / 9P
SOT-23 Precision Centigrade Temperature Sensors
LM45BIM3 NSC-LM45BIM3 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM45BIM3 TI-LM45BIM3 Datasheet
918Kb / 18P
SOT-23 Precision Centigrade Temperature Sensors8
LM45BIM3 TI2-LM45BIM3 Datasheet
604Kb / 20P
LM45 SOT-23 Precision Centigrade Temperature Sensors
REVISED FEBRUARY 2013
LM45BIM3.B TI2-LM45BIM3.B Datasheet
604Kb / 20P
LM45 SOT-23 Precision Centigrade Temperature Sensors
REVISED FEBRUARY 2013
More results

Similar Description - LM45B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45 Datasheet
215Kb / 9P
SOT-23 Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM45 TI-LM45_15 Datasheet
918Kb / 18P
SOT-23 Precision Centigrade Temperature Sensors8
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com