Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C4016 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6C4016
Description  Fully static operation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4016 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6C4016 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PIN CONFIGURATION
A1
A2
A3
A4
DQ15
DQ0
DQ1
DQ2
Vcc
Vss
A12
A17
DQ14
DQ12
DQ13
DQ11
Vss
Vcc
DQ10
DQ9
DQ3
DQ4
TSOP II
A16
A0
DQ6
DQ7
A5
A6
A7
A8
A9
DQ5
DQ8
A15
A14
A13
A10
NC
A11
CE#
WE#
LB#
UB#
OE#
T
C
C
C
L AA
C
L WW
L WW
C
L AA
C
C
C
R
C
C
C
C
C
C
C
C
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 6.5
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
Soldering Temperature (under 10 sec)
TSOLDER
260
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
MARCH 2008
MARCH/2008, V 1.0
Alliance Memory Inc.
Page 2 of 12
AS6C4016
256K X 16 BIT SUPER LOW POWER CMOS SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com