Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C4016 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS6C4016
Description  Fully static operation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4016 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS6C4016 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TRUTH TABLE
I/O OPERATION
MODE
CE# OE# WE# LB# UB#
DQ0-DQ7
DQ8-DQ15
SUPPLY CURRENT
Standby
H
X
X
X
X
X
X
H
X
H
High– Z
High– Z
High– Z
High– Z
ISB1
Output Disable
L
L
H
H
H
H
L
X
X
L
High– Z
High– Z
High– Z
High– Z
ICC,ICC1
Read
L
L
L
L
L
L
H
H
H
L
H
L
H
L
L
DOUT
High– Z
DOUT
High– Z
DOUT
DOUT
ICC,ICC1
Write
L
L
L
X
X
X
L
L
L
L
H
L
H
L
L
DIN
High– Z
DIN
High– Z
DIN
DIN
ICC,ICC1
Note: H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP. *3 MAX.
UNIT
Supply Voltage
VCC
2.7
3.0
5.5
V
Input High Voltage
VIH*1
2.4
-
VCC+0.3
V
Input Low Voltage
VIL*1
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC
VIN
VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC
VOUT
VSS
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.4
-
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
- 55
-
30
60
mA
ICC
Cycle time = Min.
CE# = VIL,
II/O = 0mA
Other pins at VIL or VIH
Average Operating
Power supply Current
ICC1
Cycle time = 1µs
CE# 0.2V, II/O = 0mA
Other pins at 0.2V or VCC-0.2V
-
4
10
mA
Standby Power
Supply Current
ISB1
CE# VCC-0.2V
Others at 0.2V or VCC-0.2V
LLI
-
4
50 *4
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
2. Over/Undershoot specifications are characterized, not 100% tested.
3. Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25
4. 25µA for special request
CAPACITANCE (TA= 25 , f = 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
512KX 8 BIT LOW POWER CMOS SRAM
January 2007
MARCH 2008
MARCH/2008, V 1.0
Alliance Memory Inc.
Page 3 of 12
AS6C4016
256K X 16 BIT SUPER LOW POWER CMOS SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com