Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM107J Datasheet(PDF) 3 Page - Texas Instruments

Part # LM107J
Description  HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM107J Datasheet(HTML) 3 Page - Texas Instruments

  LM107J Datasheet HTML 1Page - Texas Instruments LM107J Datasheet HTML 2Page - Texas Instruments LM107J Datasheet HTML 3Page - Texas Instruments LM107J Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM107, LM207, LM307
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
SLOS060 – D962, DECEMBER 1970 – REVISED SEPTEMBER 1990
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
electrical characteristics at specified free-air temperature (see Note 5)
PARAMETER
TEST CONDITIONS†
LM107, LM207
LM307
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO =0
25
°C
0.6
2
2
7.5
mV
VIO
Input offset voltage
VO = 0
Full range
3
10
mV
αVIO
Average temperature coefficient
of input offset voltage
VO = 0
Full range
3
15
6
30
µV/°C
IIO
Input offset current
VO =0
25
°C
1.5
10
3
50
nA
IIO
Input offset current
VO = 0
Full range
20
70
nA
TA = – 55°C to 25°C
0.02
0.2
αIIO
Average temperature coefficient
TA = 25°C to MAX
0.01
0.1
nA/
°C
αIIO
g
of input offset current
TA = 0°C to 25°C
0.002
0.6
nA/
°C
TA = 25°C to 70°C
0.001
0.3
IIB
Input bias current
25
°C
30
75
70
250
nA
IIB
Input bias current
Full range
100
300
nA
VICR
Common-mode input voltage
range
See Note 6
Full range
±15
±12
V
VCC
± = ±15 V,
25
°C
24
28
24
28
VO(PP)
Maximum peak-to-peak output
RL = 10 kΩ
Full range
24
24
V
VO(PP) voltage swing
VCC
± = ±15 V,
25
°C
20
26
20
26
V
RL = 2 kΩ
Full range
20
20
Large signal differential voltage
VCC
± = ±15 V,
25
°C
50
200
25
200
AVD
Large-signal differential voltage
amplification
VO = ± 10 V,
Full range
25
15
V/mV
am lification
RL = 2 kΩ
rI
Input resistance
25
°C
1.5
4
0.5
2
ΜΩ
CMRR
Common mode rejection ratio
VIC =VICRmin
25
°C
80
98
70
90
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin
Full range
80
70
dB
kSVR
Supply voltage rejection ratio
25
°C
80
98
70
96
dB
kSVR
yg
j
(
∆VCC/∆VIO)
Full range
80
70
dB
No load,
25
°C
1.8
3
1.8
3
ICC
Supply current
VO = 0,
See Note 6
MAX
1.2
2.5
mA
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Full range for
LM107 is – 55
°C to 125°C, for LM207 is –25°C to 85°C, and for LM307 is 0°C to 70°C.
NOTES: 5. Unless otherwise noted VCC
± = ±5 V to ±20 V for LM107 and LM207, and VCC± = ± 5 V to ±15 V for LM307. All typical values are
at VCC
± = ±15 V.
6. For the LM107 and LM207, VCC
± = ±20 V. For the LM307, VCC± = ±15 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com