Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM107J Datasheet(PDF) 1 Page - Texas Instruments

Part # LM107J
Description  HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM107J Datasheet(HTML) 1 Page - Texas Instruments

  LM107J Datasheet HTML 1Page - Texas Instruments LM107J Datasheet HTML 2Page - Texas Instruments LM107J Datasheet HTML 3Page - Texas Instruments LM107J Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM107, LM207, LM307
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
SLOS060 – D962, DECEMBER 1970 – REVISED SEPTEMBER 1990
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1990, Texas Instruments Incorporated
BASIC5
1
• Low Input Currents
• No Frequency Compensation Required
• Low Input Offset Parameters
• Short-Circuit Protection
• No Latch-Up
• Wide Common-Mode and Differential
Voltage Ranges
description
The LM107, LM207, and LM307 are high-perfor-
mance operational amplifiers featuring very low
input bias current and input offset voltage and
current to improve the accuracy of high-impe-
dance circuits using these devices.
The high common-mode input voltage range and
the absence of latch-up make these amplifiers
ideal for voltage follower applications. The
devices are short-circuit protected and the internal
frequency compensation ensures stability without
external components.
The LM107 is characterized for operation over the
full military temperature range of – 55
°C to 125°C,
the LM207 is characterized for operation from
–25
°C to 85°C, and the LM307 is characterized for
operation from 0
°C to 70°C.
symbol
IN +
OUT
IN –
AVAILABLE OPTIONS
VIO max
PACKAGE
TA
VIO max
AT 25
°C
SMALL-OUTLINE
(D)
CERAMIC
(J)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
FLAT PACK
(U)
FLAT PACK
(W)
0
°C
to
70
°C
7.5 mV
LM307D
—
—
LM307P
—
—
–25
°C
to
85
°C
2 mV
LM207D
—
—
LM207P
—
—
–55
°C
to
125
°C
2 mV
—
LM107J
LM107JG
—
LM107U
LM107W
The D package is available taped and reeled. Add the suffix R to the device type, (e.g., LM307DR).
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
NC
NC
IN –
IN +
VCC–
NC
NC
NC
NC
VCC+
OUT
NC
NC
LM107 ...J OR W PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN –
IN +
VCC–
NC
VCC+
OUT
NC
(TOP VIEW)
LM107 . . . JG PACKAGE
LM207, LM307 ...D OR P PACKAGE
1
2
3
4
5
10
9
8
7
6
NC
NC
IN –
IN +
VCC–
NC
COMP
VCC+
OUT
NC
LM107 ...U FLAT PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - LM107J

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM107J8 LINER-LM107J8 Datasheet
388Kb / 6P
Operational Amplifiers
More results

Similar Description - LM107J

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
Dec-1997
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
High Performance, BiFET Operational Amplifiers
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD547 AD-AD547_15 Datasheet
382Kb / 12P
High Performance, BiFET Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com