Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM96000 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM96000
Description  Hardware Monitor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM96000 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM96000 Datasheet HTML 8Page - National Semiconductor (TI) LM96000 Datasheet HTML 9Page - National Semiconductor (TI) LM96000 Datasheet HTML 10Page - National Semiconductor (TI) LM96000 Datasheet HTML 11Page - National Semiconductor (TI) LM96000 Datasheet HTML 12Page - National Semiconductor (TI) LM96000 Datasheet HTML 13Page - National Semiconductor (TI) LM96000 Datasheet HTML 14Page - National Semiconductor (TI) LM96000 Datasheet HTML 15Page - National Semiconductor (TI) LM96000 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Functional Description (Continued)
TABLE 1. Temperature vs Register Reading (Continued)
Temperature
Reading (Dec)
Reading (Hex)
.
.
.
.
.
.
.
.
.
0˚C
0
00h
.
.
.
.
.
.
.
.
.
127˚C
127
7Fh
(SENSOR ERROR)
80h
4.3 Register 28-2Fh: Fan Tachometer Reading
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
28h
29h
R
R
Tach1 LSB
Tach1 MSB
7
15
6
14
5
13
4
12
3
11
2
10
LEVEL1
9
LEVEL0
8
N/A
N/A
2Ah
2Bh
R
R
Tach2 LSB
Tach2 MSB
7
15
6
14
5
13
4
12
3
11
2
10
LEVEL1
9
LEVEL0
8
N/A
N/A
2Ch
2Dh
R
R
Tach3 LSB
Tach3 MSB
7
15
6
14
5
13
4
12
3
11
2
10
LEVEL1
9
LEVEL0
8
N/A
N/A
2Eh
2Fh
R
R
Tach4 LSB
Tach4 MSB
7
15
6
14
5
13
4
12
3
11
2
10
LEVEL1
9
LEVEL0
8
N/A
N/A
The Fan Tachometer Reading registers contain the number of 11.111 µs periods (90 kHz) between full fan revolutions. The results
are based on the time interval of two tachometer pulses, since most fans produce two tachometer pulses per full revolution. These
registers will be updated at least once every second.
The value, for each fan, is represented by a 16-bit unsigned number.
The Fan Tachometer Reading registers will always return an accurate fan tachometer measurement, even when a fan is disabled
or non-functional.
The least two significant bits (LEVEL1 and LEVEL2) of the least significant byte are used to indicate the accuracy level of the
tachometer reading. The accuracy ranges from most to least accurate. [LEVEL1:LEVEL2]=11indicates a most accurate value,
[LEVEL1:LEVEL2]=01 indicates the least accurate value and [LEVEL1:LEVEL2]=00 is reserved for future use.
FF FFh indicates that the fan is not spinning, or that the tachometer input is not connected to a valid signal. These registers are
read only — a write to these registers has no effect.
When the LSByte of the LM96000 16-bit register is read, the other byte (MSByte) is latched at the current value until it is read.
At the end of the MSByte read the Fan Tachometer Reading registers are updated.
During spin-up, the PWM duty cycle reported is 0%.
4.4 Register 30-32h: Current PWM Duty
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
30h
R/W
Fan1 Current PWM Duty
7
6543210
N/A
31h
R/W
Fan2 Current PWM Duty
7
6543210
N/A
32h
R/W
Fan3 Current PWM Duty
7
6543210
N/A
The Current PWM Duty registers store the current duty cycle at each PWM output. At initial power-on, the PWM duty cycle is
100% and thus, when read, this register will return FFh. After the Ready/Lock/Start/Override register Start bit is set, this register
and the PWM signals will be updated based on the algorithm described in the Auto Fan Control Operating Mode section.
When read, the Current PWM Duty registers return the current PWM duty cycle. These registers are read only unless the fan is
in manual (test) mode, in which case a write to these registers will directly control the PWM duty cycle for each fan. The PWM
duty cycle is represented as shown in the following table.
Current Duty
Value (Decimal)
Value (Hex)
0%
0
00h
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com