Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM96000 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM96000
Description  Hardware Monitor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM96000 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM96000 Datasheet HTML 9Page - National Semiconductor (TI) LM96000 Datasheet HTML 10Page - National Semiconductor (TI) LM96000 Datasheet HTML 11Page - National Semiconductor (TI) LM96000 Datasheet HTML 12Page - National Semiconductor (TI) LM96000 Datasheet HTML 13Page - National Semiconductor (TI) LM96000 Datasheet HTML 14Page - National Semiconductor (TI) LM96000 Datasheet HTML 15Page - National Semiconductor (TI) LM96000 Datasheet HTML 16Page - National Semiconductor (TI) LM96000 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Functional Description (Continued)
Current Duty
Value (Decimal)
Value (Hex)
0.3922%
1
01h
.
.
.
.
.
.
.
.
.
25.098%
64
40h
.
.
.
.
.
.
.
.
.
50.196%
128
80h
.
.
.
.
.
.
.
.
.
100%
255
FFh
4.5 Register 3Eh: Company ID
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
3Eh
R
Company ID
7
6543210
01h
The company ID register contains the company identification number. For National Semiconductor this is 01h. This number is
assigned by Intel and is a method for uniquely identifying the part manufacturer. This register is read only — a write to this
register has no effect.
4.6 Register 3Fh: Version/Stepping
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
3Fh
R
Version/Stepping
VER3
VER2
VER1
VER0
STP3
STP2
STP1
STP0
68h
The four least significant bits of the Version/Stepping register [3.0] contain the current stepping of the LM96000 silicon. The four
most significant bits [7.4] reflect the LM96000 base device number when set to a value of 0110b. For the LM96000, this register
will read 01101000b (68h). Bit 3 of the stepping field is set to indicate that the LM96000 is a super-set of the LM85 family of
products.
The register is used by application software to identify which device in the hardware monitor family of ASICs has been
implemented in the given system. Based on this information, software can determine which registers to read from and write to.
Further, application software may use the current stepping to implement work-arounds for bugs found in a specific silicon
stepping.
This register is read only — a write to this register has no effect.
4.7 Register 40h: Ready/Lock/Start/Override
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
40h
R/W
Ready/Lock/Start/Override
RES
RES
RES
RES
OVRID
READY
LOCK
START
00h
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com