Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS485ECM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS485ECM
Description  Low Power RS-485 / RS-422 Differential Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS485ECM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMS485ECM Datasheet HTML 1Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 2Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 3Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 4Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 5Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 6Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 7Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 8Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagram
8-Pin SOIC / DIP
20086602
Top View
Truth Table
DRIVER SECTION
RE*
DE
DI
A
B
XH
H
H
L
XH
L
L
H
XL
X
Z
Z
RECEIVER SECTION
RE*
DE
A-B
RO
LL
≥ +0.2V
H
LL
≤ −0.2V
L
HX
X
Z
L
L
OPEN *
H
Note: * = Non Terminated, Open Input only
X = Irrelevant
Z = TRI-STATE
H = High level
L = Low level
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com