Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS485ECM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS485ECM
Description  Low Power RS-485 / RS-422 Differential Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS485ECM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS485ECM Datasheet HTML 1Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 2Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 3Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 4Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 5Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 6Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 7Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 8Page - National Semiconductor (TI) LMS485ECM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMS485E
Low Power RS-485 / RS-422 Differential Bus Transceiver
General Description
The LMS485E is a low power differential bus/line transceiver
designed for high speed bidirectional data communication on
multipoint bus transmission lines. It is designed for balanced
transmission lines. It meets ANSI Standards TIA/EIA
RS422-B, TIA/EIA RS485-A and ITU recommendation and
V.11 and X.27. The driver outputs and receiver inputs have
±15kV ESD protection. The LMS485E combines a TRI-
STATE™ differential line driver and differential input receiver,
both of which operate from a single 5.0V power supply. The
driver and receiver have an active high and active low,
respectively, that can be externally connected to function as
a direction control. The driver outputs and receiver inputs are
internally connected to form a differential input/output (I/O)
bus port that is designed to offer minimum loading to bus
whenever the driver is disabled or when V
CC = 0V. These
ports feature wide positive and negative common mode
voltage ranges, making the device suitable for multipoint
applications in noisy environments. The LMS485E is avail-
able in 8-Pin SOIC and 8-pin DIP packages. It is a drop-in
replacement to Maxim’s MAX485E.
Features
n
Meet ANSI standard RS-485 and RS-422
n
Data rate 2.5 Mbps
n
Single supply voltage operation, 5V
n
Wide input and output voltage range
n
Thermal shutdown protection
n
Short circuit protection
n
Low quiescent current 800µA (max)
n
Allows up to 32 transceivers on the bus
n
Open circuit fail-safe for receiver
n
Extended operating temperature range −40˚C to 85˚C
n
Drop-in replacement to MAX485E
n
Available in 8-pin SOIC and 8-pin DIP packages
Applications
n
Low power RS-485 systems
n
Network hubs, bridges, and routers
n
Point of sales equipment (ATM, barcode scanners,…)
n
Local area networks (LAN)
n
Integrated service digital network (ISDN)
n
Industrial programmable logic controllers
n
High speed parallel and serial applications
n
Multipoint applications with noisy environment
Typical Application
20086601
A typical multipoint application is shown in the above figure. Terminating resistor, RT are typically required but only located at the two ends of the cable.
Pull-up and pull-down resistors maybe required at the end of the bus to provide fail-safe biasing. The biasing resistors provide a bias to the cable when all
drivers are in TRI-STATE, See National Application Note, AN-847 for further information.
November 2003
© 2003 National Semiconductor Corporation
DS200866
www.national.com


Similar Part No. - LMS485ECM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS485 NSC-LMS485 Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus
LMS485CM NSC-LMS485CM Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus
LMS485CMX NSC-LMS485CMX Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus
LMS485CNA NSC-LMS485CNA Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus
LMS485IM NSC-LMS485IM Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus
More results

Similar Description - LMS485ECM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
RS-485/RS-422 Differential Bus Transceiver
DS96177 NSC-DS96177 Datasheet
262Kb / 8P
RS-485/RS-422 Differential Bus Repeater
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
logo
National Semiconductor ...
LMS485 NSC-LMS485 Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus
LMS1487 NSC-LMS1487 Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com