Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LRI64
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LRI64 Datasheet HTML 20Page - STMicroelectronics LRI64 Datasheet HTML 21Page - STMicroelectronics LRI64 Datasheet HTML 22Page - STMicroelectronics LRI64 Datasheet HTML 23Page - STMicroelectronics LRI64 Datasheet HTML 24Page - STMicroelectronics LRI64 Datasheet HTML 25Page - STMicroelectronics LRI64 Datasheet HTML 26Page - STMicroelectronics LRI64 Datasheet HTML 27Page - STMicroelectronics LRI64 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LRI64
24/38
Get System Info
When receiving the Get System Info command,
the LRI64 send back its information data in the Re-
sponse.The Option_Flag is not supported and
must be set to 0. The Get System Info can be is-
sued in both addressed and non addressed
modes.
The Request Frame (Figure 27.) contains:
Request Flags (Table 3. and Table 4.)
Get System Info Command Code (2Bh, Table
9.)
Unique ID (Optional)
2-byte CRC (Figure 16.)
If there is no error, at the LRI64, the Response
Frame (Figure 28.) contains:
Response Flags (Table 6.)
Information Flags set to 0Fh, indicating the
four information fields that are present
(DSFID, AFI, Memory Size, IC Reference)
Unique ID
DSFID value (as written in block 9)
AFI value (as written in block 8)
Memory size: for the LRI64, there are 15
blocks (0Eh) of 1 byte (00h).
IC Reference: only the 6 most significant bits
are used. The product code of the LRI64 is
00 0101b=5d
2-byte CRC (Figure 16.)
Otherwise, if there is an error, the Response
Frame (Figure 29.) contains:
Response Flags (01h, Table 6.)
Error Code (0Fh, Table 7.)
2-byte CRC (Figure 16.)
Figure 35. Get System Info, Request Frame Format
Figure 36. Get System Info, Response Frame Format, when Error_Flag is not Set
Figure 37. Get System Info, Response Frame Format, when Error_Flag is Set
Figure 38. Get System Info Frame Exchange between VCD and LRI64
AI09738
Request
SOF
Request
Flags
Command
Code
UID
2-Byte
CRC
Request
EOF
8 bits
8 bits
2Bh
64 bits
16 bits
AI09739
Response
SOF
Response
Flags
Information
Flags
UID
2-Byte
CRC
Response
EOF
8 bits
00h
8 bits
0Fh
64 bits
16 bits
DSFID
8 bits
AFI
8 bits
Memory
Size
16 bits
000Eh
IC
Ref
8 bits
000101xxb
AI09740
Response
SOF
Response
Flags
Error
Code
2-Byte
CRC
Response
EOF
8 bits
01h
8 bits
0Fh
16 bits
AI09724
VCD
VICC
t1
SOF
Get System
Info Request
EOF
SOF
Get System
Info Response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com