Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64 Datasheet(PDF) 27 Page - STMicroelectronics

Part # LRI64
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LRI64 Datasheet HTML 23Page - STMicroelectronics LRI64 Datasheet HTML 24Page - STMicroelectronics LRI64 Datasheet HTML 25Page - STMicroelectronics LRI64 Datasheet HTML 26Page - STMicroelectronics LRI64 Datasheet HTML 27Page - STMicroelectronics LRI64 Datasheet HTML 28Page - STMicroelectronics LRI64 Datasheet HTML 29Page - STMicroelectronics LRI64 Datasheet HTML 30Page - STMicroelectronics LRI64 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
27/38
LRI64
Table 14. AC Characteristics
Note: 1. TA=–20 to 85°C
2. All timing measurements were performed on a reference antenna with the following characteristics:
External size: 75mm x 48mm
Number of turns: 6
Width of conductor: 1mm
Space between 2 conductors: 0.4mm
Value of the Tuning Capacitor: 28.5pF (LRI64-W4)
Value of the coil: 4.3µH
Tuning Frequency: 14.4MHz.
Symbol
Parameter
Test Conditions 1, 2
Min.
Typ.
Max.
Unit
fC
External RF Signal Frequency
13.553
13.56
13.567
MHz
MICARRIER 10% Carrier Modulation Index
MI=(A-B)/(A+B)
10
30
%
tRFR, tRFF
10% Rise and Fall Time
0
3.0
µs
tRFSBL
10% Minimum Pulse Width for
Bit
7.1
9.44
µs
tJIT
Bit Pulse Jitter
–2
+2
µs
tMINCD
Minimum Time from Carrier
Generation to First Data
From H-field min
0.1
1
ms
fSH
Subcarrier Frequency High
fC/32
423.75
kHz
t1
Time for LRI64 Response
4352/fC
313
320.9
322
µs
t2
Time between Commands
4224/fC
309
311.5
314
µs
tW
Programming Time
93297/fC
6.88
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com