Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6010CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6010CS8
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6010CS8 Datasheet HTML 4Page - Linear Technology LT6010CS8 Datasheet HTML 5Page - Linear Technology LT6010CS8 Datasheet HTML 6Page - Linear Technology LT6010CS8 Datasheet HTML 7Page - Linear Technology LT6010CS8 Datasheet HTML 8Page - Linear Technology LT6010CS8 Datasheet HTML 9Page - Linear Technology LT6010CS8 Datasheet HTML 10Page - Linear Technology LT6010CS8 Datasheet HTML 11Page - Linear Technology LT6010CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT6010
8
6010f
TYPICAL PERFOR A CE CHARACTERISTICS
THD + Noise vs Frequency
Settling Time vs Output Step
Settling Time vs Output Step
FREQUENCY (Hz)
10
0.0001
0.01
10
1k
10k
100
6010 G16
0.001
0.1
1
VS = ±15V
VIN = 20VP-P
TA = 25°C
AV = –1
AV = 1
SETTLING TIME (
µs)
0
0
2
6
8
10
20
40
50
90
6010 G17
4
10
30
60
70
80
VS = ±15V
AV = 1
0.1%
0.01%
SETTLING TIME (
µs)
0
0
2
6
8
10
20
40
50
90
6010 G18
4
10
30
60
70
80
VS = ±15V
AV = –1
0.1%
0.01%
CMRR vs Frequency
PSRR vs Frequency
FREQUENCY (Hz)
110
40
60
80
100
120
100
1k
10k
100k
1M
6010 G20
20
0
140
160
TA = 25°C
VS = ±15V
VS = 5V, 0V
FREQUENCY (Hz)
0.1
0
80
100
120
140
1
10
100
1k
10k
100k
1M
6010 G21
60
40
20
VS = 5V, 0V
TA = 25°C
–PSRR
+PSRR
Supply Current vs Supply Voltage
Warm-Up Drift
THD + Noise vs Frequency
SUPPLY VOLTAGE (
±V)
0
300
400
500
16
6010 G13
200
100
250
350
450
150
50
0
4
2
8
6
12 14
18
10
20
TA = 85°C
TA = –40°C
TA = 25°C
TIME AFTER POWER-ON (SECONDS)
0
1
2
3
30
60
90
120
6010 G14
150
±15V
±2.5V
FREQUENCY (Hz)
10
0.0001
0.01
10
1k
10k
100
100k
6010 G15
0.001
0.1
1
VS = 5V, 0V
VOUT = 2VP-P
TA = 25°C
AV = 1: RL = 10k
AV = –1: RF = RG = 10k
AV = –1
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com