Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6010CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6010CS8
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT6010CS8 Datasheet HTML 1Page - Linear Technology LT6010CS8 Datasheet HTML 2Page - Linear Technology LT6010CS8 Datasheet HTML 3Page - Linear Technology LT6010CS8 Datasheet HTML 4Page - Linear Technology LT6010CS8 Datasheet HTML 5Page - Linear Technology LT6010CS8 Datasheet HTML 6Page - Linear Technology LT6010CS8 Datasheet HTML 7Page - Linear Technology LT6010CS8 Datasheet HTML 8Page - Linear Technology LT6010CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT6010
4
6010f
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V; VCM = 2.5V; RL to 0V; SHDN = 0.2V, unless otherwise
specified. (Note 5)
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = ±15V, VCM = 0V, RL to 0V; SHDN = –14.8V, unless otherwise specified. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 7)
LT6010AS8
10
60
µV
TA = 0°C to 70°C
q
80
µV
TA = –40°C to 85°C
q
110
µV
LT6010S8
20
85
µV
TA = 0°C to 70°C
q
120
µV
TA = –40°C to 85°C
q
160
µV
LT6010ADD
20
85
µV
TA = 0°C to 70°C
q
105
µV
TA = –40°C to 85°C
q
135
µV
LT6010DD
30
110
µV
TA = 0°C to 70°C
q
145
µV
TA = –40°C to 85°C
q
185
µV
∆VOS/∆T
Input Offset Voltage Drift (Note 6)
LT6010AS8, LT6010S8
q
0.2
0.8
µV/°C
LT6010ADD,LT6010DD
q
0.2
1.3
µV/°C
IOS
Input Offset Current (Note 7)
LT6010AS8
20
110
pA
TA = 0°C to 70°C
q
150
pA
TA = –40°C to 85°C
q
200
pA
LT6010S8
40
200
pA
TA = 0°C to 70°C
q
300
pA
TA = –40°C to 85°C
q
400
pA
LT6010ADD
20
200
pA
TA = 0°C to 70°C
q
300
pA
TA = –40°C to 85°C
q
400
pA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Output Short-Circuit Current (Note 3)
VOUT = 0V, 1V Overdrive (Source)
10
14
m A
q
4mA
VOUT = 5V, –1V Overdrive (Sink)
10
21
m A
q
4mA
SR
Slew Rate
AV = –10, RF = 50k, RG = 5k
0.06
0.09
V/
µs
TA = 0°C to 70°C
q
0.05
V/
µs
TA = –40°C to 85°C
q
0.04
V/
µs
GBW
Gain Bandwidth Product
f = 10kHz
250
330
kHz
q
225
kHz
ts
Settling Time
AV = –1, 0.01%, VOUT = 1.5V to 3.5V
45
µs
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V Step
1
µs
ISHDN
SHDN Pin Current
SHDN
≤ V– + 0.2V (On)
q
0.25
µA
SHDN = V– + 2.0V (Off)
q
15
25
µA
tSHDN
SHDN Turn-On, Turn-Off Time
SHDN = V– (On) to V– + 2.0V (Off)
25
µs
SHDN = V– + 2.0V (Off) to V– (On)
25
µs
IS
Supply Current
SHDN
≤ V– + 0.2V (On)
135
150
µA
TA = 0°C to 70°C
q
190
µA
TA = –40°C to 85°C
q
210
µA
SHDN = V– + 2.0V (Off)
12
25
µA
q
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com