Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22H165M Datasheet(PDF) 21 Page - STMicroelectronics

Part # A22H165M
Description  Integrated high-efficiency buck converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A22H165M Datasheet(HTML) 21 Page - STMicroelectronics

Back Button A22H165M Datasheet HTML 17Page - STMicroelectronics A22H165M Datasheet HTML 18Page - STMicroelectronics A22H165M Datasheet HTML 19Page - STMicroelectronics A22H165M Datasheet HTML 20Page - STMicroelectronics A22H165M Datasheet HTML 21Page - STMicroelectronics A22H165M Datasheet HTML 22Page - STMicroelectronics A22H165M Datasheet HTML 23Page - STMicroelectronics A22H165M Datasheet HTML 24Page - STMicroelectronics A22H165M Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DocID026035 Rev 1
21/32
A22H165M
Electrical characteristics
32
Figure 70. Wake-up time
Figure 71. Shutdown time
VOUT
2ms/div
20mv/div
SDA
2 ms/div
1V/div
VOUT
10µs/div
100mv/div
I²C ACK after
Shutdown command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com