Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW64D Datasheet(PDF) 11 Page - STMicroelectronics

Part # M58LW64D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW64D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M58LW64D Datasheet HTML 7Page - STMicroelectronics M58LW64D Datasheet HTML 8Page - STMicroelectronics M58LW64D Datasheet HTML 9Page - STMicroelectronics M58LW64D Datasheet HTML 10Page - STMicroelectronics M58LW64D Datasheet HTML 11Page - STMicroelectronics M58LW64D Datasheet HTML 12Page - STMicroelectronics M58LW64D Datasheet HTML 13Page - STMicroelectronics M58LW64D Datasheet HTML 14Page - STMicroelectronics M58LW64D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11/50
M58LW064D
When the Program/Erase Controller is idle, or sus-
pended, STS can float High through a pull-up re-
sistor. The use of an open-drain output allows the
STS pins from several memories to be connected
to a single pull-up resistor (a Low will indicate that
one, or more, of the memories is busy).
STS is not Low during a reset unless the reset was
applied when the Program/Erase controller was
active
Program/Erase Enable (VPEN). The
Program/
Erase Enable input, VPEN, is used to protect all
blocks, preventing Program and Erase operations
from affecting their data.
Program/Erase Enable must be kept High during
all Program/Erase Controller operations, other-
wise the operations is not guaranteed to succeed
and data may become corrupt.
VDD Supply Voltage. VDD provides the power
supply to the internal core of the memory device.
It is the main power supply for all operations
(Read, Program and Erase).
VDDQ Supply Voltage. VDDQ provides the power
supply to the I/O pins and enables all Outputs to
be powered independently from VDD. VDDQ can be
tied to VDD or can use a separate supply.
It is recommended to power-up and power-down
VDD and VDDQ together to avoid any condition that
would result in data corruption.
VSS Ground. Ground, VSS, is the reference for
the core power supply. It must be connected to the
system ground.
VSSQ Ground. VSSQ ground is the reference for
the input/output circuitry driven by VDDQ. VSSQ
must be connected to VSS.
Note: Each device in a system should have
VDD and VDDQ decoupled with a 0.1µF ceramic
capacitor close to the pin (high frequency, in-
herently low inductance capacitors should be
as close as possible to the package). See Fig-
ure 8., AC Measurement Load Circuit.
Table 2. Device Enable
Note: For single device operations, E2 and E1 can be connected to VSS.
E2
E1
E0
Device
VIL
VIL
VIL
Enabled
VIL
VIL
VIH
Disabled
VIL
VIH
VIL
Disabled
VIL
VIH
VIH
Disabled
VIH
VIL
VIL
Enabled
VIH
VIL
VIH
Enabled
VIH
VIH
VIL
Enabled
VIH
VIH
VIH
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com