Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW64D Datasheet(PDF) 34 Page - STMicroelectronics

Part # M58LW64D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW64D Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M58LW64D Datasheet HTML 30Page - STMicroelectronics M58LW64D Datasheet HTML 31Page - STMicroelectronics M58LW64D Datasheet HTML 32Page - STMicroelectronics M58LW64D Datasheet HTML 33Page - STMicroelectronics M58LW64D Datasheet HTML 34Page - STMicroelectronics M58LW64D Datasheet HTML 35Page - STMicroelectronics M58LW64D Datasheet HTML 36Page - STMicroelectronics M58LW64D Datasheet HTML 37Page - STMicroelectronics M58LW64D Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
M58LW064D
34/50
APPENDIX A. BLOCK ADDRESS TABLE
Table 23. Block Addresses
Block
Number
Address Range
(x8 Bus Width)
Address Range
(x16 Bus Width)
64
7E0000h-7FFFFFh
3F0000h-3FFFFFh
63
7C0000h-7DFFFFh
3E0000h-3EFFFFh
62
7A0000h-7BFFFFh
3D0000h-3DFFFFh
61
780000h-79FFFFh
3C0000h-3CFFFFh
60
760000h-77FFFFh
3B0000h-3BFFFFh
59
740000h-75FFFFh
3A0000h-3AFFFFh
58
720000h-73FFFFh
390000h-39FFFFh
57
700000h-71FFFFh
380000h-38FFFFh
56
6E0000h-6FFFFFh
370000h-37FFFFh
55
6C0000h-6DFFFFh
360000h-36FFFFh
54
6A0000h-6BFFFFh
350000h-35FFFFh
53
680000h-69FFFFh
340000h-34FFFFh
52
660000h-67FFFFh
330000h-33FFFFh
51
640000h-65FFFFh
320000h-32FFFFh
50
620000h-63FFFFh
310000h-31FFFFh
49
600000h-61FFFFh
300000h-30FFFFh
48
5E0000h-5FFFFFh
2F0000h-2FFFFFh
47
5C0000h-5DFFFFh
2E0000h-2EFFFFh
46
5A0000h-5BFFFFh
2D0000h-2DFFFFh
45
580000h-59FFFFh
2C0000h-2CFFFFh
44
560000h-57FFFFh
2B0000h-2BFFFFh
43
540000h-55FFFFh
2A0000h-2AFFFFh
42
520000h-53FFFFh
290000h-29FFFFh
41
500000h-51FFFFh
280000h-28FFFFh
40
4E0000h-4FFFFFh
270000h-27FFFFh
39
4C0000h-4DFFFFh
260000h-26FFFFh
38
4A0000h-4BFFFFh
250000h-25FFFFh
37
480000h-49FFFFh
240000h-24FFFFh
36
460000h-47FFFFh
230000h-23FFFFh
35
440000h-45FFFFh
220000h-22FFFFh
34
420000h-43FFFFh
210000h-21FFFFh
33
400000h-41FFFFh
200000h-20FFFFh
32
3E0000h-3FFFFFh
1F0000h-1FFFFFh
31
3C0000h-3DFFFFh
1E0000h-1EFFFFh
30
3A0000h-3BFFFFh
1D0000h-1DFFFFh
29
380000h-39FFFFh
1C0000h-1CFFFFh
28
360000h-37FFFFh
1B0000h-1BFFFFh
27
340000h-35FFFFh
1A0000h-1AFFFFh
26
320000h-33FFFFh
190000h-19FFFFh
25
300000h-31FFFFh
180000h-18FFFFh
24
2E0000h-2FFFFFh
170000h-17FFFFh
23
2C0000h-2DFFFFh
160000h-16FFFFh
22
2A0000h-2BFFFFh
150000h-15FFFFh
21
280000h-29FFFFh
140000h-14FFFFh
20
260000h-27FFFFh
130000h-13FFFFh
19
240000h-25FFFFh
120000h-12FFFFh
18
220000h-23FFFFh
110000h-11FFFFh
17
200000h-21FFFFh
100000h-10FFFFh
16
1E0000h-1FFFFFh
0F0000h-0FFFFFh
15
1C0000h-1DFFFFh
0E0000h-0EFFFFh
14
1A0000h-1BFFFFh
0D0000h-0DFFFFh
13
180000h-19FFFFh
0C0000h-0CFFFFh
12
160000h-17FFFFh
0B0000h-0BFFFFh
11
140000h-15FFFFh
0A0000h-0AFFFFh
10
120000h-13FFFFh
090000h-09FFFFh
9
100000h-11FFFFh
080000h-08FFFFh
8
0E0000h-0FFFFFh
070000h-07FFFFh
7
0C0000h-0DFFFFh
060000h-06FFFFh
6
0A0000h-0BFFFFh
050000h-05FFFFh
5
080000h-09FFFFh
040000h-04FFFFh
4
060000h-07FFFFh
030000h-03FFFFh
3
040000h-05FFFFh
020000h-02FFFFh
2
020000h-03FFFFh
010000h-01FFFFh
1
000000h-01FFFFh
000000h-00FFFFh
Block
Number
Address Range
(x8 Bus Width)
Address Range
(x16 Bus Width)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com