Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30CL Datasheet(PDF) 1 Page - STMicroelectronics

Part # CS30CL
Description  High side current sense high voltage op amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS30CL Datasheet(HTML) 1 Page - STMicroelectronics

  CS30CL Datasheet HTML 1Page - STMicroelectronics CS30CL Datasheet HTML 2Page - STMicroelectronics CS30CL Datasheet HTML 3Page - STMicroelectronics CS30CL Datasheet HTML 4Page - STMicroelectronics CS30CL Datasheet HTML 5Page - STMicroelectronics CS30CL Datasheet HTML 6Page - STMicroelectronics CS30CL Datasheet HTML 7Page - STMicroelectronics CS30CL Datasheet HTML 8Page - STMicroelectronics CS30CL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
March 2014
DocID026040 Rev 1
1/18
CS30
High side current sense high voltage op amp
Datasheet
- production data
Features
• Independent supply and input common-mode
voltages
• Wide common-mode operating range: 2.8 to
30 V
• Wide common-mode surviving range: - 0.3 to
60 V (load-dump)
• Wide supply voltage range: 4 to 24 V
• Low current consumption: ICC max = 300 µA
• Internally fixed gain: 20 V/V, 50 V/V or 100 V/V
• Buffered output
Applications
• Wireless battery chargers
• Chargers for portable equipment
• Precision current sources
• Wearable
Description
The CS30 measures a small differential voltage
on a high-side shunt resistor and translates it into
a ground referenced output voltage. The gain is
internally fixed.
Wide input common-mode voltage range, low
quiescent current, and tiny SOT23 packaging
enable use in a wide variety of applications.
The input common-mode and power supply
voltages are independent. The common-mode
voltage can range from 2.8 to 30 V in operating
conditions and up to 60 V in absolute maximum
rating conditions.
The current consumption below 300 µA and the
wide supply voltage range enable the power
supply to be connected to either side of the
current measurement shunt with minimal error.
2
1
3
Vp
Out
Gnd
4
5
Vm
Vcc
SOT23-5L
(Plastic package)
Pin connection
(Top view)
Table 1. Device summary
Part number
Temperature range
Package
Packaging
Marking
Gain
CS30AL
-40°C to +125°C
SOT23-5L
Tape & reel
O104
20
CS30BL
O105
50
CS30CL
O106
100
www.st.com


Similar Part No. - CS30CL

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
CS30C-P1C28-CC000 PARALIGHT-CS30C-P1C28-CC000 Datasheet
555Kb / 12P
Uniform high quality illumination
More results

Similar Description - CS30CL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
High-voltage, high-side current sense amplifier
04-Jan-2010
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Rev 2; 1/11
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
logo
Linear Technology
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
CS70 STMICROELECTRONICS-CS70 Datasheet
772Kb / 24P
High side current sense high voltage op amp
06-Mar-2014
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
High Voltage High-Side Current Sense Amplifier
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
High Voltage High Side Current and Voltage Sense
04/19-REV.A
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611_V01 Datasheet
1Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com