Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV820 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LMV820
Description  Tiny packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV820 Datasheet(HTML) 1 Page - STMicroelectronics

  LMV820 Datasheet HTML 1Page - STMicroelectronics LMV820 Datasheet HTML 2Page - STMicroelectronics LMV820 Datasheet HTML 3Page - STMicroelectronics LMV820 Datasheet HTML 4Page - STMicroelectronics LMV820 Datasheet HTML 5Page - STMicroelectronics LMV820 Datasheet HTML 6Page - STMicroelectronics LMV820 Datasheet HTML 7Page - STMicroelectronics LMV820 Datasheet HTML 8Page - STMicroelectronics LMV820 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
This is information on a product in full production.
April 2017
DocID022467 Rev 4
1/32
LMV82x, LMV82xA
Low power, high accuracy, general-purpose operational amplifier
Datasheet — production data
Features
• Low power consumption: 400 µA max at 5 V
• Low power shutdown mode: 50 nA max
• Low offset voltage: 0.8 mV max at 25°C
• Tiny packages
• Extended temperature range: -40°C to +125°C
• Low supply voltage: 2.5 V - 5.5 V
• Gain bandwidth product: 5.5 MHz
• Automotive qualification
Benefits
• Longer lifetime in battery-powered applications
• Higher accuracy without calibration
• Smaller form factor than equivalent competitor
devices
• Application performances guaranteed over
wide temperature range
Related products
• See TSV85x series for lower power
consumption (180 µA max at 5 V)
Applications
• Battery-powered applications
• Portable devices
• Automotive signal conditioning
• Active filtering
• Medical instrumentation
Description
The LMV82x and LMV82xA series of single, dual,
and quad operational amplifiers offer low voltage
operation with rail-to-rail output swing. They
outperform the industry standard LMV321,
especially with regard to the gain bandwidth
product (5.5 MHz). The LMV821, LMV822 and
LMV824 are offered with standard pinouts.
The LMV820, LMV823, and LMV825 include a
power-saving shutdown feature that reduces the
supply current to a maximum of 50 nA at 25 °C.
The wide temperature range, high ESD tolerance,
and automotive grade qualification make them
particularly suitable for use in harsh automotive
applications.
Table 1. Device summary
Without shutdown
With shutdown
Standard
Vio
Enhanced
Vio
Standard
Vio
Enhanced
Vio
Single
LMV821
LMV821A
LMV820
LMV820A
Dual
LMV822
LMV822A
LMV823
LMV823A
Quad
LMV824
LMV824A
LMV825
LMV825A
TSSOP14
SO8
TSSOP16
SO14
SC70-5
DFN8 2x2
MiniSO8 / MiniSO10
SOT23-5 / SOT23-6
www.st.com


Similar Part No. - LMV820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LMV820AILT STMICROELECTRONICS-LMV820AILT Datasheet
873Kb / 32P
Low power, high accuracy, general-purpose operational amplifier
29-Jan-2013
LMV820ILT STMICROELECTRONICS-LMV820ILT Datasheet
873Kb / 32P
Low power, high accuracy, general-purpose operational amplifier
29-Jan-2013
More results

Similar Description - LMV820

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
CABGA AMKOR-CABGA Datasheet
310Kb / 2P
ChipArray짰 Packages
logo
Maxim Integrated Produc...
MAX40007 MAXIM-MAX40007 Datasheet
1Mb / 10P
nanoPower Op Amp in Ultra-Tiny WLP and SOT23 Packages
Rev 1; 1/18
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
logo
SG Micro Corp
SGM8193 SGMICRO-SGM8193 Datasheet
972Kb / 16P
Tiny Packages, Nano-Power,Precision Current-Sense Amplifier
DECEMBER2022-REV.A
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G17 UMW-SN74LVC1G17 Datasheet
718Kb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
Tiny SC70-5 /SOT23-5 Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G86 UMW-SN74LVC1G86 Datasheet
813Kb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com