Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV820 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LMV820
Description  Tiny packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV820 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LMV820 Datasheet HTML 7Page - STMicroelectronics LMV820 Datasheet HTML 8Page - STMicroelectronics LMV820 Datasheet HTML 9Page - STMicroelectronics LMV820 Datasheet HTML 10Page - STMicroelectronics LMV820 Datasheet HTML 11Page - STMicroelectronics LMV820 Datasheet HTML 12Page - STMicroelectronics LMV820 Datasheet HTML 13Page - STMicroelectronics LMV820 Datasheet HTML 14Page - STMicroelectronics LMV820 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DocID022467 Rev 4
11/32
LMV82x, LMV82xA
Electrical characteristics
32
AC performance
GBP
Gain bandwidth product
RL >1MΩ, CL =22pF
5.5
MHz
Fu
Unity gain frequency
4.5
Φm
Phase margin
60
degree
s
Gm
Gain margin
10
dB
SR
Slew rate
RL >1MΩ, CL =22pF,
Vout = 0.5 V to VCC -0.5 V
1.4
1.9
V/
μs
en
Equivalent input noise voltage
f=1kHz
f=10 kHz
16
13
in
Equivalent input noise current
f = 1 kHz
0.30
THD+N
Total harmonic distortion + noise
fin = 1 kHz, ACL = 1,
RL = 100 kΩ,
Vicm = Vcc/2, BW = 22 kHz,
Vout = 3 Vpp
0.001
%
1.
See Section 4.4: Input offset voltage drift over temperature.
Table 8. Electrical characteristics at Vcc+ = 5 V with Vcc- = 0 V, Vicm = Vcc/2, Tamb = 25° C, and RL
connected to Vcc/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------
pA
Hz
------------
Table 9. Shutdown characteristics VCC =5V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
ICC
Supply current in shutdown
mode (all operators)
SHDN = VCC-
T= 25°C
2.5
50
nA
-40°C < T< 85°C
200
-40°C < T< 125°C
1.5
µA
ton
Amplifier turn-on time(1)
RL =2kΩ,
Vout =VCC- to VCC - +0.2 V
300
ns
toff
Amplifier turn-off time(1)
RL =2kΩ, Vout = VCC+ -1V to
VCC+ -1.2 V
20
VIH
SHDN logic high
Vcc-
0.5
V
VIL
SHDN logic low
0.5
IIH
SHDN current high
SHDN =VCC+
10
pA
IIL
SHDN current low
SHDN =VCC-
10
IOLeak
Output leakage in shutdown
mode
SHDN =VCC-
50
-40°C < T< 125°C
1
nA
1.
See Section 4.7: Shutdown function on page 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com