Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV820A Datasheet(PDF) 29 Page - STMicroelectronics

Part # LMV820A
Description  Tiny packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV820A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LMV820A Datasheet HTML 24Page - STMicroelectronics LMV820A Datasheet HTML 25Page - STMicroelectronics LMV820A Datasheet HTML 26Page - STMicroelectronics LMV820A Datasheet HTML 27Page - STMicroelectronics LMV820A Datasheet HTML 28Page - STMicroelectronics LMV820A Datasheet HTML 29Page - STMicroelectronics LMV820A Datasheet HTML 30Page - STMicroelectronics LMV820A Datasheet HTML 31Page - STMicroelectronics LMV820A Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
DocID022467 Rev 4
29/32
LMV82x, LMV82xA
Ordering information
32
6
Ordering information
Table 21. Order codes (with shutdown pin)
Table 20. Order codes
Order code
Temperature range
Package
Packing
Marking
LMV821ICT
-40 °C to +125 °C
SC70-5
Tape & reel
K1S
LMV821ILT
SOT23-5
K155
LMV822IQ2T
DFN8 2x2
K1S
LMV822IST
MiniSO8
K155
LMV822IDT
SO8
LMV822I
LMV824IPT
TSSOP14
LMV824I
LMV824IDT
SO14
LMV824I
LMV821AICT
-40 °C to +125 °C
SC70-5
Tape & reel
K1T
LMV821AILT
SOT23-5
K156
LMV822AIST
MiniSO8
K156
LMV822AIDT
SO8
LMV822AI
LMV824AIPT
TSSOP14
LMV824AI
LMV824AIDT
SO14
LMV824AI
Order code
Temperature range
Package
Packing
Marking
LMV820ILT
-40 °C to +125 °C
SOT23-6
Tape & reel
K155
LMV823IST
MiniSO10
K155
LMV825IPT
TSSOP16
LMV825I
LMV820AILT
-40 °C to +125 °C
SOT23-6
Tape & reel
K156
LMV823AIST
MiniSO10
K156
LMV825AIPT
TSSOP16
LMV825AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com