Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV820A Datasheet(PDF) 31 Page - STMicroelectronics

Part # LMV820A
Description  Tiny packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV820A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LMV820A Datasheet HTML 24Page - STMicroelectronics LMV820A Datasheet HTML 25Page - STMicroelectronics LMV820A Datasheet HTML 26Page - STMicroelectronics LMV820A Datasheet HTML 27Page - STMicroelectronics LMV820A Datasheet HTML 28Page - STMicroelectronics LMV820A Datasheet HTML 29Page - STMicroelectronics LMV820A Datasheet HTML 30Page - STMicroelectronics LMV820A Datasheet HTML 31Page - STMicroelectronics LMV820A Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
DocID022467 Rev 4
31/32
LMV82x, LMV82xA
Revision history
32
7
Revision history
Table 23. Document revision history
Date
Revision
Changes
10-Nov-2011
1
Initial release.
06-Jul-2012
2
Addition of automotive grade parts.
29-Jan-2013
3
Description and Section 4.6: Macromodel: small text changes.
Updated Figure 1.
Updated titles of Figure 3, Figure 13, and Figure 27.
Updated Table 10, Table 11, Table 12, and Table 22: Order codes
(automotive grade parts).
Section 4.7: Shutdown function: added explanation of Figure 23 and
Figure 24.
10-Apr-2017
4
Updated Table 13: “L” dimension changed from 0.5 mm to 0.425
mm. Minor text revisions throughout the document,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com