Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA4MPA33Q Datasheet(PDF) 7 Page - STMicroelectronics

Part # OA4MPA33Q
Description  Medical instrumentation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4MPA33Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button OA4MPA33Q Datasheet HTML 3Page - STMicroelectronics OA4MPA33Q Datasheet HTML 4Page - STMicroelectronics OA4MPA33Q Datasheet HTML 5Page - STMicroelectronics OA4MPA33Q Datasheet HTML 6Page - STMicroelectronics OA4MPA33Q Datasheet HTML 7Page - STMicroelectronics OA4MPA33Q Datasheet HTML 8Page - STMicroelectronics OA4MPA33Q Datasheet HTML 9Page - STMicroelectronics OA4MPA33Q Datasheet HTML 10Page - STMicroelectronics OA4MPA33Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DocID025992 Rev 1
7/28
OA1MPA, OA2MPA, OA4MPA
Electrical characteristics
28
SR
Slew rate(3)
RL =10k, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5 V
0.04
V/
s
en
Equivalent input noise voltage
f=1kHz
100
f=10 kHz
96
tinit
Initialization time(4)
T = 25 °C
5
ms
-40 °C < T< 125 °C
60
1.
See Section 4.4: Input offset voltage drift over temperature.
2.
Guaranteed by characterization.
3.
Slew rate value is calculated as the average between positive and negative slew rates.
4.
Initialization time is defined as the delay after power-up to guarantee operation within specified performances. Guaranteed
by design. See Section 4.6: Initialization time.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com