Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA4MPA33Q Datasheet(PDF) 4 Page - STMicroelectronics

Part # OA4MPA33Q
Description  Medical instrumentation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4MPA33Q Datasheet(HTML) 4 Page - STMicroelectronics

  OA4MPA33Q Datasheet HTML 1Page - STMicroelectronics OA4MPA33Q Datasheet HTML 2Page - STMicroelectronics OA4MPA33Q Datasheet HTML 3Page - STMicroelectronics OA4MPA33Q Datasheet HTML 4Page - STMicroelectronics OA4MPA33Q Datasheet HTML 5Page - STMicroelectronics OA4MPA33Q Datasheet HTML 6Page - STMicroelectronics OA4MPA33Q Datasheet HTML 7Page - STMicroelectronics OA4MPA33Q Datasheet HTML 8Page - STMicroelectronics OA4MPA33Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Absolute maximum ratings and operating conditions
OA1MPA, OA2MPA, OA4MPA
4/28
DocID025992 Rev 1
2
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except the differential voltage are with respect to the network ground terminal.
6
V
Vid
Differential input voltage(2)
2.
The differential voltage is a non-inverting input terminal with respect to the inverting input terminal. The
OA2MPA and OA4MPA devices include an internal differential voltage limiter that clamps internal
differential voltage at 0.5 V.
±VCC
Vin
Input voltage(3)
3.
VCC - Vin must not exceed 6 V, Vin must not exceed 6 V.
VCC- - 0.2 to VCC++ 0.2
Iin
Input current(4)
4.
Input current must be limited by a resistor in series with the inputs.
10
mA
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction-to-ambient(5)(6)
SC70-5
DFN8 2x2
MiniSO8
QFN16 3x3
5.
Short-circuits can cause excessive heating and destructive dissipation.
6.
Rth are typical values.
205
120
190
45
°C/W
Rthjc
Thermal resistance junction-to-case DFN8 2x2
33
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(7)
7.
Human body model: 100 pF discharged through a 1.5 k
resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
4kV
MM: machine model for OA1MPA(8)
8.
Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5
), done for all couples of pin
combinations with other pins floating.
150
V
MM: machine model for OA2MPA(8)
200
MM: machine model for OA4MPA(8)
300
CDM: charged device model except MiniSO8(9)
9.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to ground.
1.5
kV
CDM: charged device model for MiniSO8(9)
1.3
Latch-up immunity
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com