Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS3753E Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDS3753E
Description  P-Channel Trench MOSFET, -40V, -7.1A, 30m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS3753E Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDS3753E Datasheet HTML 1Page - MagnaChip Semiconductor. MDS3753E Datasheet HTML 2Page - MagnaChip Semiconductor. MDS3753E Datasheet HTML 3Page - MagnaChip Semiconductor. MDS3753E Datasheet HTML 4Page - MagnaChip Semiconductor. MDS3753E Datasheet HTML 5Page - MagnaChip Semiconductor. MDS3753E Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Nov 2011 Version 1.1
MagnaChip Semiconductor Ltd.
4
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10
3
100 s
10 s
1 s
100 s
100 ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
R
thJA=125
℃
/W
T
A=25
℃
-V
DS, Drain-Source Voltage [V]
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating Area
Fig.10 Maximum Drain Current vs. Case
Temperature
Fig.11 Transient Thermal Response Curve
0
2
4
6
8
10
12
0
2
4
6
8
10
V
DS = -32V
※ Note : I
D = -4.7A
Q
G, Total Gate Charge [nC]
0
10
20
30
0.0
400.0p
800.0p
1.2n
1.6n
2.0n
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
2
4
6
8
10
T
A, Case Temperature [
℃
]
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
-3
10
-2
10
-1
10
0
※ Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Z
θ JA* Rθ JA(t) + TA
R
Θ JA=125℃
/W
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com