Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS3753E Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDS3753E
Description  P-Channel Trench MOSFET, -40V, -7.1A, 30m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS3753E Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDS3753E Datasheet HTML 1Page - MagnaChip Semiconductor. MDS3753E Datasheet HTML 2Page - MagnaChip Semiconductor. MDS3753E Datasheet HTML 3Page - MagnaChip Semiconductor. MDS3753E Datasheet HTML 4Page - MagnaChip Semiconductor. MDS3753E Datasheet HTML 5Page - MagnaChip Semiconductor. MDS3753E Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Nov 2011 Version 1.1
MagnaChip Semiconductor Ltd.
1
D
G
S
G
S
Absolute Maximum Ratings (TA =25
oC unless otherwise noted)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(Note 1)
ID
-7.1
A
Pulsed Drain Current
IDM
-50
A
Power Dissipation
PD
2.5
W
Single Pulse Avalanche Energy
(Note 2)
EAS
98
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(Note 1)
RθJA
50
oC/W
Thermal Resistance, Junction-to-Case
RθJC
25
MDS3753E
P-Channel Trench MOSFET, -40V, -7.1A, 30m
Ω
General Description
The MDS3753E uses advanced MagnaC
hip’s MOSFET
Technology
to
provide
low
on-state
resistance,
high
switching performance and excellent reliability
Low RDS(ON) and low gate charge operation offer superior
benefit in the application.
1(S)
2(S)
3(S)
4(G)
8(D)
7(D)
6(D)
5(D)
Features
VDS = -40V
ID = -7.1A @ VGS = 10V
RDS(ON)
<30m
 @ V
GS = -10V
<37m
 @ V
GS = -4.5V
Applications
Inverters
General purpose applications


Similar Part No. - MDS3753E

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDS3753EURH VBSEMI-MDS3753EURH Datasheet
1,003Kb / 9P
P-Channel 40 V (D-S) MOSFET
More results

Similar Description - MDS3753E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD4685 FAIRCHILD-FDD4685 Datasheet
402Kb / 6P
40V P-Channel PowerTrench MOSFET -40V -32A 27m ohm
logo
MagnaChip Semiconductor...
MDD1752 MGCHIP-MDD1752 Datasheet
1Mb / 7P
N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDD1754 MGCHIP-MDD1754 Datasheet
678Kb / 6P
N-Channel Trench MOSFET, 40V, 20.5A, 27m(ohm)
MDD3752 MGCHIP-MDD3752 Datasheet
782Kb / 6P
P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDD3752A MGCHIP-MDD3752A Datasheet
897Kb / 6P
P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDD3754 MGCHIP-MDD3754 Datasheet
688Kb / 6P
P-Channel Trench MOSFET, -40V, -24.4A, 43m(ohm)
MDE1752 MGCHIP-MDE1752 Datasheet
671Kb / 6P
N-Channel Trench MOSFET 40V, 66A, 8.0m(ohm)
MDF1752 MGCHIP-MDF1752 Datasheet
1Mb / 6P
N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDF3752 MGCHIP-MDF3752 Datasheet
1Mb / 6P
P-Channel Trench MOSFET, -40V, -36.5A, 17m(ohm)
MDS3754A MGCHIP-MDS3754A Datasheet
814Kb / 6P
P-Channel Trench MOSFET, -40V, -6.0A, 45m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com