Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW128ML55ZB6T Datasheet(PDF) 21 Page - STMicroelectronics

Part # M68AW128ML55ZB6T
Description  2 Mbit (128K x16) 3.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW128ML55ZB6T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M68AW128ML55ZB6T Datasheet HTML 14Page - STMicroelectronics M68AW128ML55ZB6T Datasheet HTML 15Page - STMicroelectronics M68AW128ML55ZB6T Datasheet HTML 16Page - STMicroelectronics M68AW128ML55ZB6T Datasheet HTML 17Page - STMicroelectronics M68AW128ML55ZB6T Datasheet HTML 18Page - STMicroelectronics M68AW128ML55ZB6T Datasheet HTML 19Page - STMicroelectronics M68AW128ML55ZB6T Datasheet HTML 20Page - STMicroelectronics M68AW128ML55ZB6T Datasheet HTML 21Page - STMicroelectronics M68AW128ML55ZB6T Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
M68AW128M
REVISION HISTORY
Table 13. Document Revision History
Date
Version
Revision Details
July 2001
-01
First Issue.
10-Dec-2001
-02
Document completely revised.
18-Feb-2002
-03
Tables 2, 7, 8 and 9 clarified.
25-Mar-2002
-04
Read and Standby Mode AC Characteristics table clarified (Table 7).
Low VCC Data Retention Characteristics table clarified (Table 9).
17-June-2002
-05
Minor changes.
09-Oct-2002
5.1
Revision numbering modified: a minor revision will be indicated by incrementing the
digit after the dot, and a major revision, by incrementing the digit before the dot
(revision version 05 equals 5.0).
Part number modified.
20-Apr-2004
6.0
Lead-free package version added.
24-Sep-2004
7.0
tPU ad tPD updated in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com