Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS7838N Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS7838N
Description  SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS7838N Datasheet(HTML) 7 Page - Micro Analog systems

  MAS7838N Datasheet HTML 1Page - Micro Analog systems MAS7838N Datasheet HTML 2Page - Micro Analog systems MAS7838N Datasheet HTML 3Page - Micro Analog systems MAS7838N Datasheet HTML 4Page - Micro Analog systems MAS7838N Datasheet HTML 5Page - Micro Analog systems MAS7838N Datasheet HTML 6Page - Micro Analog systems MAS7838N Datasheet HTML 7Page - Micro Analog systems MAS7838N Datasheet HTML 8Page - Micro Analog systems MAS7838N Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DA7838.002
20 September, 2000
7 (9)
$33/,&$7,21 ,1)250$7,21
TTL/V28
78189A
TTL/V28
75189A
RS232C
TXD
RXD
Ext. Signal Rate
Char. Length
Char. Length
ASY/SYN Select
mode
selection
jumpers
TSL
XHST
+5v
-12v
+12v
*) Optional timing from the
synchronous modem.
In this case CR 1 can be
eliminated.
MAS7838 simplified application:
V.28 interface for synchronous modem
+5v
7
5
6
1
2
3
4
8
9
10
11
12
13
14
15
16
TDO
TTL-Level
TXC
TTL-Level
RDI
TTL-Level
RXC
TTL-Level
22pF
CR 1
9.8304MHz
22pF
Modem
Timing
Circuit
16 x TXC
*)
TXC
RXC
MAS7838
Synchronous
Modem
470pF
470pF
TDI
RDO
+5v
+5v
3 x
4.75k



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com