Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS7838N Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS7838N
Description  SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS7838N Datasheet(HTML) 8 Page - Micro Analog systems

  MAS7838N Datasheet HTML 1Page - Micro Analog systems MAS7838N Datasheet HTML 2Page - Micro Analog systems MAS7838N Datasheet HTML 3Page - Micro Analog systems MAS7838N Datasheet HTML 4Page - Micro Analog systems MAS7838N Datasheet HTML 5Page - Micro Analog systems MAS7838N Datasheet HTML 6Page - Micro Analog systems MAS7838N Datasheet HTML 7Page - Micro Analog systems MAS7838N Datasheet HTML 8Page - Micro Analog systems MAS7838N Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DA7838.002
20 September, 2000
8 (9)
3$&.$*(287/,1(6
All dimensions are in accordance with JEDEC standard MS-001.
All dimensions are in accordance with JEDEC standard MS-013.
1 PIN
18.93
21.33
6.10
7.11
7.62
BSC
5-7°
0.254
BSC
2.54
0.36
0.56
1.77
1.15
PLANE
SEATING
0.63 TYPICAL
16 LEAD PDIP OUTLINE (300 MIL BODY)
ALL MEASUREMENTS IN mm
PLANE
SEATING
5° TYP.
10.50
10.10
PIN 1
1.27
TYP.
0.36
0.48
5°TYP
0.33 x 45°
0.86 TYP
.
16 LEAD SO OUTLINE (300 MIL BODY)
ALL MEASUREMENTS IN mm
0-0.13
RAD.
5° TYP.
5° TYP.
5° TYP.
0.25 RAD.
MIN.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com