Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDU1721 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDU1721
Description  Single N-channel Trench MOSFET 40V, 100A, 1.4m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDU1721 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDU1721 Datasheet HTML 1Page - MagnaChip Semiconductor. MDU1721 Datasheet HTML 2Page - MagnaChip Semiconductor. MDU1721 Datasheet HTML 3Page - MagnaChip Semiconductor. MDU1721 Datasheet HTML 4Page - MagnaChip Semiconductor. MDU1721 Datasheet HTML 5Page - MagnaChip Semiconductor. MDU1721 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
May. 2013.
Rev. 1.0
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(1)
TC=25
oC (Silicon Limited)
ID
204.1
A
TC=25
oC (Package Limited)
100.0
TC=100
oC
129.1
TA=25
oC(3)
32.9
(3)
Pulsed Drain Current
IDM
400.0
Power Dissipation
TC=25
oC
PD
96.2
W
TC=100
oC
38.5
TA=25
oC(3)
2.5
(3)
Single Pulse Avalanche Energy
(2)
EAS
450
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
50
oC/W
Thermal Resistance, Junction-to-Case
RθJC
1.3
MDU1721
Single N-channel Trench MOSFET 40V, 100A, 1.4m
Ω
Features
VDS = 40V
ID = 100A @VGS = 10V
RDS(ON)
< 1.4
mΩ @VGS = 10V
100% UIL Tested
100% Rg Tested
General Description
The MDU1721 uses advanced MagnaChip
’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance and excellent
quality. MDU1721 is suitable device for Synchronous
Rectification For Server and general purpose applications.
S
S
S
G
G
S
S
S
D
D
D
D
D
D
D
D
PDFN56
D
G
S


Similar Part No. - MDU1721

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU1722 MGCHIP-MDU1722 Datasheet
981Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 2.2m(ohm)
MDU1722VRH MGCHIP-MDU1722VRH Datasheet
981Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 2.2m(ohm)
More results

Similar Description - MDU1721

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDD1752 MGCHIP-MDD1752 Datasheet
1Mb / 7P
N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDD1754 MGCHIP-MDD1754 Datasheet
678Kb / 6P
N-Channel Trench MOSFET, 40V, 20.5A, 27m(ohm)
MDE1752 MGCHIP-MDE1752 Datasheet
671Kb / 6P
N-Channel Trench MOSFET 40V, 66A, 8.0m(ohm)
MDF1723 MGCHIP-MDF1723 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 85A, 2.6m(ohm)
MDF1752 MGCHIP-MDF1752 Datasheet
1Mb / 6P
N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDP1723 MGCHIP-MDP1723 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 120A, 2.3m(ohm)
MDU04N010 MGCHIP-MDU04N010 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.0m(ohm)
MDU06N031 MGCHIP-MDU06N031 Datasheet
975Kb / 6P
Single N-channel Trench MOSFET 60V, 100A, 3.1m(ohm)
MDU1722 MGCHIP-MDU1722 Datasheet
981Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 2.2m(ohm)
MDU1931 MGCHIP-MDU1931 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 100A, 3.6m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com