Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDU1721 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDU1721
Description  Single N-channel Trench MOSFET 40V, 100A, 1.4m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDU1721 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDU1721 Datasheet HTML 1Page - MagnaChip Semiconductor. MDU1721 Datasheet HTML 2Page - MagnaChip Semiconductor. MDU1721 Datasheet HTML 3Page - MagnaChip Semiconductor. MDU1721 Datasheet HTML 4Page - MagnaChip Semiconductor. MDU1721 Datasheet HTML 5Page - MagnaChip Semiconductor. MDU1721 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
May. 2013.
Rev. 1.0
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDU1721VRH
-55~150
oC
PDFN56
Tape & Reel
Halogen Free
Electrical Characteristics (TJ =25
oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250μA, VGS = 0V
40
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250μA
1.0
-
3.0
Drain Cut-Off Current
IDSS
VDS = 40V, VGS = 0V
-
-
1.0
μA
Gate Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±0.1
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID =50A
-
1.1
1.4
m
Ω
Forward Transconductance
gfs
VDS = 10V, ID =50A
-
120
-
S
Dynamic Characteristics
Total Gate Charge
Qg(10.0V)
VDS = 20.0V, ID = 50.0A,
VGS = 10V
-
113.8
-
nC
Gate-Source Charge
Qgs
-
23.3
-
Gate-Drain Charge
Qgd
-
18.6
-
Input Capacitance
Ciss
VDS = 20.0V, VGS = 0V,
f = 1.0MHz
-
7,450
-
pF
Reverse Transfer Capacitance
Crss
-
200
-
Output Capacitance
Coss
-
1.850
-
Turn-On Delay Time
td(on)
VGS = 10V, VDS = 20.0V,
ID = 50A , RG = 3.0Ω
-
24.0
-
ns
Rise Time
tr
-
16.1
-
Turn-Off Delay Time
td(off)
-
92.3
-
Fall Time
tf
-
30.0
-
Gate Resistance
Rg
f=1 MHz
-
1.3
-
Ω
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = 50A, VGS = 0V
-
0.80
1.2
V
Body Diode Reverse Recovery Time
trr
IF =50A, dl/dt = 100A/μs
-
61.0
-
ns
Body Diode Reverse Recovery Charge
Qrr
-
92.0
-
nC
Note :
1. Surface mounted FR-4 board by JEDEC (jesd51-7). Continuous current at TC=25℃ is silicon limited
2. EAS is tested at starting Tj = 25℃, L = 1.0mH, IAS = 30.0A, VGS = 10V.
3. T < 10sec.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com