Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR7545 Datasheet(PDF) 1 Page - International Rectifier

Part # MBR7545
Description  SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR7545 Datasheet(HTML) 1 Page - International Rectifier

  MBR7545 Datasheet HTML 1Page - International Rectifier MBR7545 Datasheet HTML 2Page - International Rectifier MBR7545 Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Major Ratings and Characteristics
I
F(AV)
Rectangular
70
A
waveform
V
RRM
35/45
V
I
FSM
@ 60Hz
1000
A
V
F
@60 Apk, T
J
= 125°C
0.60
V
T
J
- 65 to 150
°C
Characteristics
MBR75..
Units
Description/ Features
The MBR75.. Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150° C junction
temperature. Typical applications are in switching power
supplies, converters, free-wheeling diodes, and reverse bat-
tery protection.
150° C T
J
operation
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Hermetic packaging
SCHOTTKY RECTIFIER
70 Amp
MBR7535
MBR7545
Bulletin PD-2.326 rev. B 11/02
Conforms to JEDEC Outline DO-203AB (DO-5)
Dimensions in millimeters and (inches)
TO-203AB (DO-5)
1
www.irf.com


Similar Part No. - MBR7545

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR7545 TEL-MBR7545 Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
logo
Naina Semiconductor ltd...
MBR7545 NAINA-MBR7545 Datasheet
123Kb / 2P
Schottky Power Diode, 75A
logo
Digitron Semiconductors
MBR7545 DIGITRON-MBR7545 Datasheet
316Kb / 2P
75A SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
MBR7545 NJSEMI-MBR7545 Datasheet
78Kb / 2P
SCHOTTKY RECTIFIER
logo
GeneSiC Semiconductor, ...
MBR7545 GENESIC-MBR7545 Datasheet
326Kb / 3P
Not ESD Sensitive
More results

Similar Description - MBR7545

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com