Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # AVS
Description  General Purpose Filtering, Bypassing, Power Supply Decoupling
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVS Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AVS Datasheet HTML 1Page - Cornell Dubilier Electronics AVS Datasheet HTML 2Page - Cornell Dubilier Electronics AVS Datasheet HTML 3Page - Cornell Dubilier Electronics AVS Datasheet HTML 4Page - Cornell Dubilier Electronics AVS Datasheet HTML 5Page - Cornell Dubilier Electronics AVS Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508) 996-8561 • Fax: (508) 996-3830 • www.cde.com
Type AVS
SMT Aluminum Electrolytic Capacitors - General Purpose, 85°C
Ratings
Max.
Dissipation
Factor @
120 Hz
Max.
ESR @
120 Hz/20 °C
(Ohms)
Max.
Ripple Current
120 Hz/85 °C
(mA)
Cap
(µF)
CaT-Falog
ParT-F Number
Max .
DCL
(µA)
Case
Code
Size
D x L
(mm)
Quantity
per Reel
4 Vdc (5 Vdc Surge)
22
AVS226M04A12T-F*
3.0
0.37
27.9
19
A
3 x 5.4
2000
33
AVS336M04B12T-F
3.0
0.35
17.6
26
B
4 x 5.4
2000
47
AVS476M04B12T-F
3.0
0.35
12.3
34
B
4 x 5.4
2000
100
AVS107M04C12T-F
4.0
0.35
5.8
61
C
5 x 5.4
1000
220
AVS227M04D16T-F
8.8
0.35
2.6
82
D
6.3 x 5.4
1000
6.3 Vdc (8 Vdc Surge)
22
AVS226M06A12T-F*
3.0
0.35
26.4
20
A
3 x 5.4
2000
22
AVS226M06B12T-F
3.0
0.26
19.6
29
B
4 x 5.4
2000
33
AVS336M06B12T-F
3.0
0.35
17.6
29
B
4 x 5.4
2000
47
AVS476M06B12T-F
3.0
0.35
12.3
36
B
4 x 5.4
2000
47
AVS476M06C12T-F
3.0
0.26
9.2
46
C
5 x 5.4
1000
100
AVS107M06C12T-F
6.3
0.35
5.8
47
C
5 x 5.4
1000
100
AVS107M06D16T-F
6.3
0.26
4.3
71
D
6.3 x 5.4
1000
220
AVS227M06D16T-F
13.9
0.35
2.6
74
D
6.3 x 5.4
1000
330
AVS337M06X16T-F
20.8
0.26
1.3
150
X
6.3 x 7.9
900
330
AVS337M06E16T-F
20.8
0.35
1.8
300
E
8 x 6.2
1000
470
AVS477M06F24T-F
29.6
0.35
1.2
380
F
8 x 10.2
500
1000
AVS108M06F24T-F
63.0
0.35
0.6
500
F
8 x 10.2
500
1000
AVS108M06G24T-F
63.0
0.35
0.6
700
G
10 x 10.2
500
1500
AVS158M06G24T-F
94.5
0.35
0.4
700
G
10 x 10.2
500
10 Vdc (13 Vdc Surge)
22
AVS226M10B12T-F
3.0
0.3
22.6
28
B
4 x 5.4
2000
33
AVS336M10B12T-F
3.3
0.3
15.1
29
B
4 x 5.4
2000
33
AVS336M10C12T-F
3.3
0.2
10.1
43
C
5 x 5.4
1000
47
AVS476M10C12T-F
4.7
0.3
10.6
43
C
5 x 5.4
1000
100
AVS107M10C12T-F
10.0
0.3
5.0
50
C
5 x 5.4
1000
100
AVS107M10D16T-F
10.0
0.2
3.3
70
D
6.3 x 5.4
1000
220
AVS227M10X16T-F
22.0
0.2
1.5
150
X
6.3 x 7.9
900
220
AVS227M10E16T-F
22.0
0.26
2.0
250
E
8 x 6.2
1000
330
AVS337M10F24T-F
33.0
0.26
1.3
330
F
8 x 10.2
500
470
AVS477M10F24T-F
47.0
0.26
0.9
330
F
8 x 10.2
500
470
AVS477M10G24T-F
47.0
0.26
0.9
400
G
10 x 10.2
500
1000
AVS108M10G24T-F
100.0
0.26
0.4
580
G
10 x 10.2
500
16 Vdc (20 Vdc Surge)
10
AVS106M16A12T-F*
3.0
0.18
29.9
20
A
3 x 5.4
2000
10
AVS106M16B12T-F
3.0
0.16
26.5
28
B
4 x 5.4
2000
22
AVS226M16B12T-F
3.5
0.26
19.6
28
B
4 x 5.4
2000
22
AVS226M16C12T-F
3.5
0.16
12.1
39
C
5 x 5.4
1000
33
AVS336M16C12T-F
5.3
0.26
13.1
35
C
5 x 5.4
1000
47
AVS476M16C12T-F
7.5
0.26
9.2
39
C
5 x 5.4
1000
47
AVS476M16D16T-F
7.5
0.16
5.6
70
D
6.3 x 5.4
1000
100
AVS107M16D16T-F
16.0
0.26
4.3
70
D
6.3 x 5.4
1000
100
AVS107M16E16T-F
16.0
0.2
3.3
200
E
8 x 6.2
1000
220
AVS227M16X16T-F
35.2
0.16
1.2
150
X
6.3 x 7.9
900
220
AVS227M16E16T-F
35.2
0.2
1.5
200
E
8 x 6.2
1000
220
AVS227M16F24T-F
35.2
0.2
1.5
280
F
8 x 10.2
500
330
AVS337M16F24T-F
52.8
0.2
1.0
320
F
8 x 10.2
500
330
AVS337M16G24T-F
52.8
0.2
1.0
380
G
10 x 10.2
500
470
AVS477M16F24T-F
75.2
0.2
0.7
320
F
8 x 10.2
500
470
AVS477M16G24T-F
75.2
0.2
0.7
420
G
10 x 10.2
500
25 Vdc (31 Vdc Surge)
4.7
AVS475M25A12T-F*
3.0
0.16
56.5
12
A
3 x 5.4
2000
4.7
AVS475M25B12T-F
3.0
0.14
49.4
22
B
4 x 5.4
2000
10
AVS106M25B12T-F
3.0
0.2
33.2
22
B
4 x 5.4
2000
10
AVS106M25C12T-F
3.0
0.14
23.2
28
C
5 x 5.4
1000
22
AVS226M25C12T-F
5.5
0.2
15.1
35
C
5 x 5.4
1000
22
AVS226M25D16T-F
5.5
0.14
10.6
55
D
6.3 x 5.4
1000
33
AVS336M25C12T-F
8.3
0.2
10.0
42
C
5 x 5.4
1000
33
AVS336M25D16T-F
8.3
0.14
7.0
65
D
6.3 x 5.4
1000
47
AVS476M25D16T-F
11.8
0.2
7.1
70
D
6.3 x 5.4
1000
100
AVS107M25X16T-F
25.0
0.14
2.3
150
X
6.3 x 7.9
900
100
AVS107M25E16T-F
25.0
0.16
2.7
91
E
8 x 6.2
1000
100
AVS107M25F24T-F
25.0
0.16
2.7
180
F
8 x 10.2
500
220
AVS227M25F24T-F
55.0
0.16
1.2
140
F
8 x 10.2
500
220
AVS227M25G24T-F
55.0
0.16
1.2
310
G
10 x 10.2
500
330
AVS337M25F24T-F
82.5
0.16
0.8
150
F
8 x 10.2
500
330
AVS337M25G24T-F
82.5
0.16
0.8
340
G
10 x 10.2
500
470
AVS477M25G24T-F
117.5
0.16
0.6
360
G
10 x 10.2
500
*Denotes discontinued part



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com