Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # AVS
Description  General Purpose Filtering, Bypassing, Power Supply Decoupling
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVS Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  AVS Datasheet HTML 1Page - Cornell Dubilier Electronics AVS Datasheet HTML 2Page - Cornell Dubilier Electronics AVS Datasheet HTML 3Page - Cornell Dubilier Electronics AVS Datasheet HTML 4Page - Cornell Dubilier Electronics AVS Datasheet HTML 5Page - Cornell Dubilier Electronics AVS Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508) 996-8561 • Fax: (508) 996-3830 • www.cde.com
Type AVS
SMT Aluminum Electrolytic Capacitors - General Purpose, 85°C
Typical Performance Curves
0.01
0.1
1
10
100
10
100
1,000
10,000
100,000
1,000,000
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
0.1
1
10
100
10
100
1,000
10,000
100,000
1,000,000
–40°C
–20°C
0°C
25°C
45°C
85°C
65°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
10
100
1,000
10,000
100,000
1,000,000
65°C
25°C
85°C
0°C
–40°C
45°
–20°C
Impedance vs. Temperature and Frequency
1500 µF @ 6.3 Vdc (10 X 10.2 mm)
Capacitance vs. Temperature & Frequency
ESR vs. Temperature and Frequency
0
0.2
0.4
0.6
0.8
1
1.2
1.4
10
100
1,000
10,000
100,000
1,000,000
65°C
25°C
85°C
0°C
–40°C
45°C
–20°C
0.1
1
10
100
10
100
1,000
10,000
100,000
1,000,000
–40°C
–20°C
0°C
25°C
45°C
85°C
65°C
0.01
0.1
1
10
10
100
1,000
10,000
100,000
1,000,000
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
Capacitance vs. Temperature & Frequency
ESR vs. Temperature and Frequency
Impedance vs. Temperature and Frequency
100 µF @ 16 Vdc (10 X 10.2 mm)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
1500 µF @ 6.3 Vdc (10 X 10.2 mm)
1500 µF @ 6.3 Vdc (10 X 10.2 mm)
100 µF @ 16 Vdc (10 X 10.2 mm)
100 µF @ 16 Vdc (10 X 10.2 mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com