Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # BLC
Description  PCB Mount Power Film Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

BLC Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  BLC Datasheet HTML 1Page - Cornell Dubilier Electronics BLC Datasheet HTML 2Page - Cornell Dubilier Electronics BLC Datasheet HTML 3Page - Cornell Dubilier Electronics BLC Datasheet HTML 4Page - Cornell Dubilier Electronics BLC Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CDE Cornell Dubilier • 1605 East Rodney French Blvd • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
PCB Mount Power Film Capacitors
Part Numbering System
BLC
300
J
901
E
B4
Type
Capacitance
Tolerance
Voltage
Case Code
Case Type
B4 = Box 4 Lead
J = ±5%
BLC
080
150
300
= 8 µF
= 15 µF
= 30 µF
701
901
112
= 700 Vdc
= 900 Vdc
= 1100 Vdc
Ratings
Typ
Current
Peak
Thermal
Cap
10 kHz T
A=25 °C TA=55 °C TA=75 °C
Current
Resistance
Case
Typical
Case
C
ESR
Irms
Irms
Irms
dV/dt
I
pk
Θcc
Θca
Area
Weight
Code
PartNumber
(µF)
(mΩ)
(A)
(A)
(A)
(V/µs)
(A)
(°C/W)
(°C/W)
(mm2)
(g)
700 Vdc
BLC150J701B4A
15
5.2
21
15
8
13.5
200
10.0
15.8
6580
30.5
A
BLC200J701B4B
20
3.9
25
17
10
13.0
260
11.4
14.0
7467
36.8
B
BLC220J701B4C
22
3.6
27
19
11
11.8
290
10.0
13.4
7756
37.8
C
BLC300J701B4D
30
2.6
33
23
13
13.0
390
10.0
11.7
8925
46.7
D
BLC450J701B4E
45
3.6
31
22
13
8.5
390
8.0
9.3
11325
59.5
E
BLC550J701B4F
55
2.9
36
25
14
8.9
490
8.0
8.0
13275
69.6
F
900 Vdc
BLC120J901B4A
12
5.2
21
15
8
15.8
190
10.0
15.8
6580
34.8
A
BLC140J901B4B
14
4.5
23
16
9
16.4
230
11.4
14.0
7467
39.3
B
BLC160J901B4C
16
3.9
26
18
10
15.6
250
10.0
13.4
7756
41.5
C
BLC200J901B4D
20
3.1
30
21
12
16.0
320
10.0
11.7
8925
48.8
D
BLC300J901B4E
30
4.3
29
20
11
10.8
325
8.0
9.3
11325
62.4
E
BLC400J901B4F
40
3.2
35
25
14
10.7
430
8.0
8.0
13275
78.6
F
1100 Vdc
BLC080J112B4A
8
6.5
19
13
7
20.0
160
10.0
15.8
6580
34.3
A
BLC100J112B4B
10
5.2
22
15
9
20.0
200
11.4
14.0
7467
40.4
B
BLC120J112B4D
12
4.3
25
18
10
19.2
230
10.0
11.7
8925
44.5
D
BLC200J112B4E
20
5.3
26
18
10
13.0
260
8.0
9.3
11325
61.1
E
BLC250J112B4F
25
4.2
30
21
12
13.2
330
8.0
8.0
13275
72.9
F
Case Code
W
H
L
p
p1
d
A
20
40
41.5
37.5
10.2
1.2
B
28
37
41.5
37.5
10.2
1.2
C
24
44
41.5
37.5
10.2
1.2
D
30
45
41.5
37.5
20.3
1.2
E
30
45
57.5
52.5
20.3
1.2
F
35
50
57.5
52.5
20.3
1.2
Type BLC Polypropylene Board Mount DC Link Capacitors
Type BLC Polypropylene Board Mount DC Link Capacitors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com