Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # BLC
Description  PCB Mount Power Film Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

BLC Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  BLC Datasheet HTML 1Page - Cornell Dubilier Electronics BLC Datasheet HTML 2Page - Cornell Dubilier Electronics BLC Datasheet HTML 3Page - Cornell Dubilier Electronics BLC Datasheet HTML 4Page - Cornell Dubilier Electronics BLC Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDE Cornell Dubilier • 1605 East Rodney French Blvd • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
PCB Mount Power Film Capacitors
Expected Lifetime Predictions
Determine ESR at Operating Frequency
Use the 10 kHz ESR from the ratings tables.
For operation below 10 kHz, the ESR will need to be adjusted using the following
equation: ESR - 31.83/(10C) + 31.83/(fC).
Determine Thermal Resistance at Operating Frequency and Air Flow
Compute Θ = Θ
CC + ΘCA. In the ratings tables, ΘCA is for still air. For v = 0 to 5 m/s,
multiply Θ
CA by [(5 + 17.6(0.1
0.66
)) / (5 + 17.6(v + 0.1)0.66)]
Determine Expected Lifetime
Look up Expected Lifetime on the graph using V
A/VR and TC = TA + I
2
(ESR/1000) Θ
The maximum allowed temperature rise is 40 °C and the maximum allowed core
temperature is 95 °C.
Capacitance:
Equivalent Series Resistance:
Frequency:
Ripple Current:
Ambient Temperature:
Core Temperature:
Total Thermal Resistance:
Thermal Resistance case-to-ambient:
Thermal Resistance core-to-case:
Airflow Speed:
Applied Voltage:
Rated Voltage:
C (µF)
ESR (mΩ)
f (kHz)
I (A
rms)
T
A (°C)
T
C (°C)
Θ (°C/W)
Θ
CA (°C/W)
Θ
CC (°C/W)
v (m/s)
V
A (VDC)
V
R (VDC)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
100
1000
10000
100000
1000000
Expected Lifetime (h)
Expected Lifetime vs Core Temperature and Applied DC Voltage
50ºC
60ºC
70ºC
85ºC
Type BLC Polypropylene Board Mount DC Link Capacitors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com