Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDHC Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CDHC
Description  Type CDHC Snap-In Hybrid Carboncap Power Ultracapacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CDHC Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CDHC Datasheet HTML 1Page - Cornell Dubilier Electronics CDHC Datasheet HTML 2Page - Cornell Dubilier Electronics CDHC Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Outline Drawing and Dimensions
Snap Mount Hybrid Type
Part Number
Dimensions (mm)
D (+1/-0mm)
L (±2mm)
CDHC221K2R3SR
22
45
CDHC301K2R3SR
22
45
CDHC821K2R3SR
27
80
CDHC102K2R3SR
35
88
CDHC
221
K
2R3
SR
Type
Capacitance
Tolerance
Voltage
Configuration
(F)
(%)
(V)
CDHC - Carbon Double Layer
221 = 220
K = -5 /+10%
2R3 = 2.3
SR = snap-in, 2 pins
Hybrid Cell
Part Numbering System
Type CDHC Snap-In Hybrid Carboncap Power Ultracapacitors
Large Cylindrical Type
Do not reverse polarity.
10.0 ±0.1
2 X
2.0 ±0.1
5.9 ±1.0
L
D
10.0
NEGATIVE
TERMINAL
PC BOARD MOUNTING HOLES
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
THE INFORMATION CONTAINED IN THIS
DRAWING IS THE SOLE PROPERTY OF
CORNELL DUBILIER ELECTRONICS. ANY
REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF
CORNELL DUBILIER ELECTRONICS IS
PROHIBITED.
DIMENSIONS ARE IN mm
TOLERANCES:
ANGULAR MACH 1º BEND 2º
DECIMAL
0.127mm
FINISH
CHECKED
COMMENTS:
NAME
TITLE:
SIZE
B
DWG. NO.
REV
SCALE:
UNLESS OTHERWISE SPECIFIED:
P2
12/19/11
SHEET 1 OF 1
DO NOT SCALE DRAWING
RSC2R7XXSR
PAUL JORISSEN
DATE
PROPRIETARY AND CONFIDENTIAL
MATERIAL
DRAWN
Approval Signatures
ULTRA CAP
PART MUST BE FREE OF DIRT, FOREIGN
PARTICLES, OIL, GREASE, DUST,
MOISTURE, MOLD RELEASE, AND
PACKING MATERIAL
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com