Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDHC Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CDHC
Description  Type CDHC Snap-In Hybrid Carboncap Power Ultracapacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CDHC Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CDHC Datasheet HTML 1Page - Cornell Dubilier Electronics CDHC Datasheet HTML 2Page - Cornell Dubilier Electronics CDHC Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type CDHC Snap-In Hybrid Carboncap Power Ultracapacitors
Large Cylindrical Type
The snap mount hybrid ultracapacitors are designed for board
mountable power backup applications. The best applications
for these type of ultracapacitors have low power, low energy,
and low charge/discharge cycle rates. The main feature of these
ultracapacitors is the ability to be rapidly charged preferably
followed by a slow discharge. Applications include solar lighting,
LED lighting, and portable devices.
Highlights
- Rapid charge
- Circuit board mountable
- Standard snap-In design
Specifications
Operating Temperature Range
Storage Temperature Range
–40 ⁰C to +60 ⁰C
–40 ⁰C to +65 ⁰C
Rated Voltage Range
2.3 Vdc, 2.50 Vdc rated surge (do not discharge below 1 Vdc)
Capacitance Range
220 F to 1000 F
Capacitance Tolerance
–5% / +10%
Life at Room Temperature
10 years at rated voltage and 25 ºC
Capacitance change ≤20%
ESR change ≤100%
Life Test
1000 h @ rated voltage and +50 ºC
Capacitance change ≤30% decrease
ESR change ≤100% increase
Cycle Test
>10,000 cycles (rated to half rated voltage at +25 °C)
Capacitance change ≤20% decrease
ESR change ≤100% increase
Shelf Life
1000 h without voltage at +60 °C
Capacitance change ≤20% decrease
ESR change ≤100% increase
RoHS Compliant
Ratings
Part Number
CDHC221K2R3SR
CDHC301K2R3SR
CDHC821K2R3SR
CDHC102K2R3SR
Terminal Configuration
Snap In
Snap In
Snap In
Snap In
Capacitance (F)
(Discharge w constant current at 25°C)
220
300
820
1000
ESR, DC (mΩ), Max
40
25
12
14
ESR, AC @ 1kHz (mΩ), Max
25
15
6
7
Current - Max Peak (A)
(1 s discharge rate to 50% of rated Voltage)
26
41
87
77
Leakage current (mA), Max
after 72 h at +25 °C
0.20
0.55
0.50
0.70
Usable Power Density, Pd (kW/kg)
(Per IEC 62391-2)
0.63
0.94
0.76
0.50
Impedance match power, (kW/kg)
2.1
3.3
3.1
2.1
Gravimetric energy density, Emax (Wh/kg)
5.2
6.6
7
5.2
Energy available (Wh)
(At rated voltage)
0.13
0.18
0.49
0.60
Weight (kg)
0.025
0.027
0.07
0.115
Maximum Continuous Current (Arms)
(ΔT=20°C)
5
5.5
7.5
8
Short circuit current (A)
92
153
383
329
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - CDHC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CDH-04 ADAM-TECH-CDH-04 Datasheet
108Kb / 1P
.100 LATCHING HEADER & HOUSING
logo
Omega Engineering, Inc.
CDH-7021 OMEGA-CDH-7021 Datasheet
294Kb / 1P
OMEGAETTE TM Microprocessor Based Water Test meter
logo
Adam Technologies, Inc.
CDH-C-MT-R ADAM-TECH-CDH-C-MT-R Datasheet
72Kb / 1P
CRIMP CONTACT
CDH-C-R ADAM-TECH-CDH-C-R Datasheet
108Kb / 1P
.100 LATCHING HEADER & HOUSING
CDH-C-X ADAM-TECH-CDH-C-X Datasheet
34Kb / 1P
CRIMP CONTACT
More results

Similar Description - CDHC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
Snap-in Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com