Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLC Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CDLC
Description  Maximum Power Performance. Up to 3000 Farads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CDLC Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CDLC Datasheet HTML 1Page - Cornell Dubilier Electronics CDLC Datasheet HTML 2Page - Cornell Dubilier Electronics CDLC Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Outline Drawing and Dimensions
Stud Mount Type
Dimensions (mm)
Part Description
L (±0.3mm)
D1 (±0.2mm)
D2 (±0.7mm)
CDLC122P2R7K04
74
60.4
60.7
CDLC152P2R7K04
85
60.4
60.7
CDLC202P2R7K04
102
60.4
60.7
CDLC302P2R7K04
138
60.4
60.7
CDLC
302
P
2R7
K04
Type
Capacitance
Tolerance
Voltage
Configuration
(F)
(%)
(V)
CDLC - Carbon Double Layer
302 = 3000
P = -0% / +20%
2R7 = 2.7
K04 = Threaded studs
Cell
Part Numbering System
+
Type CDLC Carboncap High-Power Axial-Terminal Ultracapacitors
Large Cylindrical Type
Do not reverse polarity.
Certified to UL810a, File # MH48530.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com