Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLC Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CDLC
Description  Maximum Power Performance. Up to 3000 Farads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CDLC Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CDLC Datasheet HTML 1Page - Cornell Dubilier Electronics CDLC Datasheet HTML 2Page - Cornell Dubilier Electronics CDLC Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type CDLC Carboncap High-Power Axial-Terminal Ultracapacitors
Large Cylindrical Type
These leading edge, low RC time constant, organic electrolyte, large
cell ultracapacitors easily handle more than a million duty cycles
and assemble readily into modules with screw terminals.  They are
especially suited for back-up and pulse power applications such as
grid stabilization and wind turbine pitch control.  They also excel in
transportation applications like automotive subsystems, rail system
power and utility vehicles.
Highlights
- Maximum Power Performance. Up to 3000 Farads
- Very Low ESR Characteristics
- Available with Threaded Terminations
Specifications
Operating Temperature Range
Storage Temperature Range
–40 ⁰C to +65 ⁰C
–40 ⁰C to +70 ⁰C
Rated Voltage Range
2.7 Vdc, 2.85 Vdc rated surge
Capacitance Range
100 F to 600 F
Capacitance Tolerance
–5% / +10%
Life at Room Temperature
10 years at rated voltage and 25 ºC
Capacitance change ≤20%
ESR change ≤100%
Life Test
1000 h @ rated voltage and +65 ºC
Capacitance change ≤20% decrease from min. initial value
ESR change ≤100% increase from max. initial value
Cycle Test
500,000 cycles (rated to half rated voltage at +25 ºC)
Capacitance change ≤20%
ESR change ≤100%
Shelf Life
1000 h without voltage at +70 ºC
Capacitance change ≤20% from min. initial capacitance
ESR change ≤100% from max. initial ESR
RoHS Compliant
Ratings
Part Number
CDLC122P2R7K04
CDLC152P2R7K04
CDLC202P2R7K04 CDLC302P2R7K04
Terminal Configuration
Threaded
Threaded
Threaded
Threaded
Capacitance (F)
(Discharge w constant current at 25°C)
1200
1500
2000
3000
ESR, DC (mΩ), Max
0.58
0.47
0.35
0.29
Current - Max Peak (A)
(1 s discharge rate to 50% of rated Voltage)
1000
1200
1600
2200
Leakage current (mA), Max
after 72 h at +25 °C
2.7
3.0
4.2
5.2
Usable Power Density, Pd (W/kg)
(Per IEC 62391-2)
5800
6600
6900
5900
Usable Power (W)
1508
1848
2484
3009
Impedance match power, (W/kg)
12,000
14,000
14,000
12,000
Gravimetric energy density, Emax (Wh/kg)
4.69
5.43
5.64
5.96
Energy available (Wh)
(At rated voltage)
1.22
1.52
2.03
3.04
Weight (kg)
0.26
0.28
0.36
0.51
Maximum Continuous Current (Arms)
(∆T=15°C)
70
84
110
130
Short circuit current (A)
4700
5700
7700
9300
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - CDLC

ManufacturerPart #DatasheetDescription
logo
Dialight Lumidrives Ltd...
CDL-M3M DIALIGHTLUMIDRIVES-CDL-M3M Datasheet
195Kb / 2P
HL16 RGB LED LIGHT ENGINE
logo
Pro-Signal
CDL01 PROSIGNAL-CDL01 Datasheet
57Kb / 1P
CD Light
logo
List of Unclassifed Man...
CDL13005 ETC1-CDL13005 Datasheet
69Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CDL13005 RECTRON-CDL13005 Datasheet
425Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
Continental Device Indi...
CDL13005 CDIL-CDL13005 Datasheet
111Kb / 4P
NPN PLASTIC POWER TRANSISTOR
More results

Similar Description - CDLC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
1D-16A DBLECTRO-1D-16A Datasheet
4Mb / 2P
RF Performance up to 13GHz
1E-4 DBLECTRO-1E-4 Datasheet
685Kb / 2P
RF Performance up to 4GHz
logo
Ralston Instruments.
XREG-3KPSIG RALSTON-XREG-3KPSIG_16 Datasheet
540Kb / 1P
Outlet pressures up to 3000 psi (210 bar)
logo
PHOENIX CONTACT
FL-MGUARD-PCIE4000-VPN PHOENIX-FL-MGUARD-PCIE4000-VPN Datasheet
48Kb / 3P
Maximum performance
logo
Murata Manufacturing Co...
935151724547-XXN MURATA1-935151724547-XXN Datasheet
200Kb / 2P
Ultra broadband performance up to 67GHz
Last updated06/09/2022
935157725410-XXA MURATA1-935157725410-XXA Datasheet
193Kb / 2P
Ultra broadband performance up to 67GHz
Last updated06/13/2022
935157725456-XXA MURATA1-935157725456-XXA Datasheet
193Kb / 2P
Ultra broadband performance up to 67GHz
Last updated06/13/2022
935157421610-XXA MURATA1-935157421610-XXA Datasheet
190Kb / 2P
Ultra broadband performance up to 67GHz
Last updated06/17/2022
939132421610-XXA MURATA1-939132421610-XXA Datasheet
190Kb / 2P
Ultra broadband performance up to 20GHz
Last updated06/17/2022
logo
Vishay Siliconix
REC139L VISHAY-REC139L_V01 Datasheet
258Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mms
26-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com