Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

715P22398L Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # 715P22398L
Description  Low dissipation factor.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

715P22398L Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button 715P22398L Datasheet HTML 4Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 5Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 6Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 7Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 8Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 9Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 10Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 11Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 12Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Corona, Dissipation Factor Specifications
Corona Start Voltage
D-C Rating
100
200
400, 600
800, 1000
1200
1600, 2000
Typical Corona
Start Voltage,RMS
250
300
325
600
625
650
Maximum Dissipation Factor (D.F.) in %
Cap
Range (µF)
.001 - .01
.012 - .022
.027 - .047
.056 - .068
.082 -.1
.12 - .15
.18 - .22
.27 - .33
.39 - 47
100V-600V
20KHz
.029
.031
.034
.037
.042
.049
.059
.074
.093
100KHz
.040
.050
.071
.089
.116
.158
.217
.309
427
800V/1000V
20KHz
.039
.040
.055
.058
.063
--
--
--
--
100KHz
.088
.098
.175
.193
.220
1200V
20KHz
.035
.043
.047
100KHz
.068
.111
.132
1600V/2000V
20KHz
.033
.039
.041
100KHz
.059
.093
.102
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 715P, Orange Drop®, Polypropylene Film/Foil Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com