Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

715P22398L Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 715P22398L
Description  Low dissipation factor.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

715P22398L Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  715P22398L Datasheet HTML 1Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 2Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 3Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 4Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 5Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 6Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 7Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 8Page - Cornell Dubilier Electronics 715P22398L Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
• Long history of proven reliability
• Low dissipation factor.
• Tolerances as close as ±1%.
• Excellent stability, virtually linear
temperature coefficient.
• Various lead spacings, crimp styles
and lead lengths available.
Specifications
Capacitance Range:
.001 µF to 0.47 µF
Capacitance Tolerance:
±1% to ±10%
Voltage Ratings:
100 to 2000 Volts D-C
70 to 500 Volts A-C
Operating Temperature Range:
-55°C to +85°C
(+105°C with proper voltage derating)
Lead Wire:
Tinned copper-clad steel,
.032 (0.8) diameter, #20 AWG
Dissipation Factor:
See tabulated data.
Insulation Resistance:
400,000 M minimum at +25°C
20,000 M minimum at +85°C
2,000 M minimum at +105°C
Pulse Rise Time, dV/dt:
See tabulated data.
Corona Start Voltage (typical):
See tabulated data.
Encapsulation:
Conformal coating of flame retardant orange
epoxy (meets UL94V-0 specifications)
Dielectric:
Polypropylene film.
Construction:
Non-inductively wound with extended
foil. Additional details on general
specifications page.
Applications:
Switching and high voltage power
supplies, inverters, snubbers, resonant
converters and electronic lighting ballasts.
Dimensions in inches, metric (mm) in parenthesis.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 715P, Orange Drop®, Polypropylene Film/Foil Capacitors


Similar Part No. - 715P22398L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
715P22398L VISHAY-715P22398L Datasheet
148Kb / 7P
Polypropylene Film Capacitors ORANGE DROP® , Low Loss
13-Nov-03
More results

Similar Description - 715P22398L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2DFO VISHAY-2DFO Datasheet
123Kb / 2P
Low Dissipation Factor Disc Capacitors
14-May-02
logo
Hitachi Semiconductor
HG61H HITACHI-HG61H Datasheet
1Mb / 30P
Low power dissipation
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
Low Power Dissipation
logo
STMicroelectronics
AN2385 STMICROELECTRONICS-AN2385 Datasheet
632Kb / 14P
Power dissipation and its linear derating factor
13-Jun-2006
logo
MERITEK ELECTRONICS COR...
MA MERITEK-MA Datasheet
1Mb / 14P
Low dissipation factor
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
Low dissipation factor (DF), excellent for high frequency
logo
Optoway Technology Inc
QPM-2100WG OPTOWAY-QPM-2100WG Datasheet
512Kb / 8P
Low Power Dissipation
logo
Illinois Capacitor, Inc...
FSB ILLINOISCAPACITOR-FSB Datasheet
222Kb / 2P
High voltage ??Low Leakage ??low dissipation Factor
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
Low power dissipation
14-Oct-14
logo
Cornell Dubilier Electr...
716P CDE-716P Datasheet
381Kb / 15P
Extremely low dissipation factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com