Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3232ECPR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3232ECPR
Description  250 kbps minimum guaranteed data rate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232ECPR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3232ECPR Datasheet HTML 2Page - STMicroelectronics ST3232ECPR Datasheet HTML 3Page - STMicroelectronics ST3232ECPR Datasheet HTML 4Page - STMicroelectronics ST3232ECPR Datasheet HTML 5Page - STMicroelectronics ST3232ECPR Datasheet HTML 6Page - STMicroelectronics ST3232ECPR Datasheet HTML 7Page - STMicroelectronics ST3232ECPR Datasheet HTML 8Page - STMicroelectronics ST3232ECPR Datasheet HTML 9Page - STMicroelectronics ST3232ECPR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
ST3232EB - ST3232EC
6/19
Note:
1
Transmitter skew is measured at the transmitter zero cross points
Table 7.
Receiver (C1 - C4 = 0.1 µF tested at 3.3 V ± 10 %, VCC = 3 V to 5.5 V, TA = -40 to 85 °C,
unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VRIN
Receiver input voltage operating
range
-25
25
V
VRIL
RS-232 Input threshold low
TA = 25°C, VCC = 3.3V
0.6
1.1
V
TA = 25°C, VCC = 5V
0.8
1.5
VRIH
RS-232 Input threshold high
TA = 25°C, VCC = 3.3V
1.4
2.4
V
TA = 25°C, VCC = 5V
1.8
2.4
VRIHYS
Input hysteresis
0.5
V
RRIN
Input resistance
TA = 25°C
3
5
7
k
Ω
VROL
TTL/CMOS Output voltage low
IOUT = 1.6mA
0.4
V
VROH
TTL/CMOS Output voltage high
IOUT = -1mA
VCC-0.6
VCC-0.1
V
Table 8.
Timing characteristics (C1 - C4 = 0.1 µF tested at 3.3 V ± 10 %, VCC = 3 V to 5.5 V,
TA = -40 to 85 °C, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DR
Data transfer rate
RL = 3KΩ, CL2= 1000pF
one transmitter switching
250
Kbps
tPHLR
tPLHR
Propagation delay input to
output
RXIN = RXOUT, CL = 150pF
0.15
µs
tOER
Receiver output enable time Normal Operation
50
ns
tODR
Receiver output disable time Normal Operation
50
ns
|tPHLT
- tTHL|
Transmitter propagation
delay difference
(Note 1)
200
ns
|tPHLR
- tTHR|
Receiver propagation delay
difference
50
ns
SRT
Transition slew rate
TA = 25°C RL = 3kΩ to 7kΩ VCC = 3.3V
measured from +3V to -3V or -3V to +3V
CL = 150pF to 1000pF
CL = 150pF to 2500pF
6
4
30
30
V/µs
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com