Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3232ECPR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3232ECPR
Description  250 kbps minimum guaranteed data rate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232ECPR Datasheet(HTML) 4 Page - STMicroelectronics

  ST3232ECPR Datasheet HTML 1Page - STMicroelectronics ST3232ECPR Datasheet HTML 2Page - STMicroelectronics ST3232ECPR Datasheet HTML 3Page - STMicroelectronics ST3232ECPR Datasheet HTML 4Page - STMicroelectronics ST3232ECPR Datasheet HTML 5Page - STMicroelectronics ST3232ECPR Datasheet HTML 6Page - STMicroelectronics ST3232ECPR Datasheet HTML 7Page - STMicroelectronics ST3232ECPR Datasheet HTML 8Page - STMicroelectronics ST3232ECPR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Absolute maximum ratings
ST3232EB - ST3232EC
4/19
2
Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied.
Externally applied V+ and V- can have a maximum magnitude of +7 V, but their absolute
addition can not exceed 13 V.
Running on internal charge pump, intrinsic self limitation allows exceeding those values
without any damage.
Startup voltage sequence (VCC, then V+, then V-) is critical, therefore it is not recommended
to use this device using externally applied voltage to V+ and V-.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.3 to 6
V
V+
Doubled voltage terminal
(VCC - 0.3) to 7
V
V-
Inverted voltage terminal
0.3 to -7
V
V+ +|V-|
13
V
TIN
Transmitter input voltage range
-0.3 to 6
V
RIN
Receiver input voltage range
± 25
V
TOUT
Transmitter output voltage range
± 13.2
V
ROUT
Receiver output voltage range
-0.3 to (VCC + 0.3)
V
tSHORT
Transmitter output short to gnd time
Continuous
Figure 2.
ESD performance: transmitter outputs, receiver inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ESD
ESD protection voltage
Human body model
±15
kV
ESD
ESD protection voltage
IEC-1000-4-2
±8kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com