Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3232EBPR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3232EBPR
Description  250 kbps minimum guaranteed data rate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232EBPR Datasheet(HTML) 1 Page - STMicroelectronics

  ST3232EBPR Datasheet HTML 1Page - STMicroelectronics ST3232EBPR Datasheet HTML 2Page - STMicroelectronics ST3232EBPR Datasheet HTML 3Page - STMicroelectronics ST3232EBPR Datasheet HTML 4Page - STMicroelectronics ST3232EBPR Datasheet HTML 5Page - STMicroelectronics ST3232EBPR Datasheet HTML 6Page - STMicroelectronics ST3232EBPR Datasheet HTML 7Page - STMicroelectronics ST3232EBPR Datasheet HTML 8Page - STMicroelectronics ST3232EBPR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
February 2008
Rev 5
1/19
19
ST3232EB
ST3232EC
± 15 kV ESD protection 3 to 5.5 V low power,
up to 250 kbps, RS-232 drivers and receivers
Features
ESD protection for RS-232 I/O pins
±15 kV human body model
±8 kV IEC 1000-4-2 contact discharge
300 µA supply current
250 kbps minimum guaranteed data rate
6V/µs minimum guaranteed slew rate
Meet EIA/TIA-232 specifications down to 3 V
Available in SO-16, SO-16 large SSOP16 and
TSSOP16
Description
The ST3232E is a 3 V powered EIA/TIA-232 and
V.28/V.24 communication interfaces with low
power requirements, high data-rate capabilities
and enhanced electrostatic discharge (ESD)
protection to ± 8 kV using IEC1000-4-2 Contact
Discharge and ± 15 kV using the Human Body
Model. ST3232E has a proprietary low dropout
transmitter output stage providing true RS-232
performance from 3 to 5 V supplies with a dual
charge pump. The charge pump requires only
four small 0.1 µF standard external capacitors for
operations from 3 V supply.
The ST3232E has two receivers and two drivers.
The device is guaranteed to run at data rates of
250 kbps while maintaining RS-232 output levels.
Typical applications are Notebook, Subnotebook
and Palmtop Computers, Battery Powered
Equipment, Hand-Held Equipment, Peripherals
and Printers.
SO-16 Large
SSOP16
TSSOP16
SO-16
Table 1.
Device summary
Order codes
Temp. range
Packages
Packaging
ST3232ECDR
0 to 70 °C
SO-16 (tape and reel)
2500 parts per reel
ST3232EBDR
-40 to 85 °C
SO-16 (tape and reel)
2500 parts per reel
ST3232ECPR
0 to 70 °C
SSOP16 (tape and reel)
1350 parts per reel
ST3232EBPR
-40 to 85 °C
SSOP16 (tape and reel)
1350 parts per reel
ST3232ECTR
0 to 70 °C
TSSOP16 (tape and reel)
2500 parts per reel
ST3232EBTR
-40 to 85 °C
TSSOP16 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST3232EBPR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3232EBPR STMICROELECTRONICS-ST3232EBPR Datasheet
426Kb / 16P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3232EBPR STMICROELECTRONICS-ST3232EBPR Datasheet
382Kb / 20P
±15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
06-Sep-2006
ST3232EBPR STMICROELECTRONICS-ST3232EBPR Datasheet
806Kb / 19P
± 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers
08-Feb-2008
More results

Similar Description - ST3232EBPR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
IrDA Data Sheet 115 kbps Transceiver
logo
Level One
SK70704 LVL1-SK70704 Datasheet
3Mb / 40P
1168 kbps HDSL Data Pump Chip Set
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Analog Devices
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
250/sec Yaw Rate Gyro
REV. 0
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
STMicroelectronics
ST3243EB STMICROELECTRONICS-ST3243EB Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
Guaranteed 20 Mbps data rate
September 2013 Rev 2
STLV3243EB STMICROELECTRONICS-STLV3243EB Datasheet
261Kb / 16P
250 kbps minimum guaranteed data rate
21-Jan-2009
logo
Maxim Integrated Produc...
MAX13035EEVKIT MAXIM-MAX13035EEVKIT Datasheet
389Kb / 7P
100Mbps Guaranteed Data Rates
Rev 2; 12/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com